Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0108B Datasheet (PDF) - Samsung semiconductor

KS0108B Datasheet PDF - Samsung semiconductor
Part # KS0108B
Download  KS0108B Download
File Size   157.12 Kbytes
Page   17 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64CH SEGMENT DRIVER FOR DOT MATRIX LCD

KS0108B Datasheet (PDF)

Go To PDF Page Download Datasheet
KS0108B Datasheet PDF - Samsung semiconductor

Part # KS0108B
Download  KS0108B Click to download

File Size   157.12 Kbytes
Page   17 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64CH SEGMENT DRIVER FOR DOT MATRIX LCD

KS0108B Datasheet (HTML) - Samsung semiconductor


KS0108B Product details

INTRODUCTION

The KS0108B is a LCD driver LSl with 64 channel output for dot matrix liquid crystal graphic display system. This device consists of the display RAM, 64 bit data latch 64 bit drivers and decoder logics. It has the internal display RAM for storing the display data transferred from a 8 bit microcontroller and generates the dot matrix Iiquid crystal driving signals corresponding to stored data.The KS0108B composed of the liquid crystal display system in combination with the KS0107B (64 common driver)



FEATURES

· Dot matrix LCD segment driver with 64 channel output

· Input and Output signal

   - Input: 8 bit parallel display data

      Control signal from MPU Splitted bias voltage (V1R, V1L, V2R, V2L, V3R. V3L, V4R, V4L)

   - Output: 64 channel waveform for LCD driving.

· Display data is stored in display data RAM from MPU.

· Interface RAM

   - Capacity: 512 bytes (4096 bits)

   - RAM bit data: RAM bit data = 1:ON

                      RAM bit data- = 0:OFF

· Applicable LCD duty: 1/32~1/64

· LCD driving voltage: 8V~17V(V DD-VEE)

· Power supply voltage: + 5V±10%

· High voltage CMOS process.

· 100QFP and bare chip available.



 




Similar Part No. - KS0108B

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results


Similar Description - KS0108B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
S6B0107 SAMSUNG-S6B0107 Datasheet
226Kb / 23P
64CH COMMON DRIVER FOR DOT MATRIX LCD
S6B2104 SAMSUNG-S6B2104 Datasheet
122Kb / 12P
80CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
96CH Segment Driver For Dot Matrix LCD
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com