Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7921 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7921
Description  96CH Segment Driver For Dot Matrix LCD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7921 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7921 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7921 Datasheet HTML 11Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ST7921
Ver 1.6
9/11
2005/05/24
D.C Characteristics:
Symbol
Parameter
Test Condition
Min.
Typ. Max.
Unit
Applicable pin
VDD
Operating Voltage
-
2.7
-
5.5
V
-
VLCD
Driver Supply Voltage
V0-VSS
3
-
7
V
-
VIH
Input High Voltage
-
0.7VDD
-
VDD
V
VIL
Input Low Voltage
-
0
-
0.3VDD
V
ILKG
Input Leakage Current
VIN = 0 ~ VDD
-5
-
5
uA
CL1,CL2,M,SHL1,SHL2
DL1,DL2,DR1,DR2
VOH
Output High Voltage
IOH = -0.4mA
VDD-0.4
-
-
V
VOL
Output Low Voltage
IOL = +0.4mA
-
-
0.4
V
DL1,DL2,DR1,DR2
V1~V4, S1~S80
IDD
Operating Current
FCL2 = 400KHZ
-
280
460
uA
VDD,V0
IV
Leakage Current
VIN = VDD ~ VSS
-10
-
10
uA
V1 ~ V4
A.C Characteristics :
Symbol
Parameter
Test Condition Min.
Max.
Unit
Applicable pin
FCL
Data Shift Frequency
-
-
400
KHZ
CL2
TWCKH
Clock High Level Width
-
800
-
ns
CL1,CL2
TWCKL
Clock Low Level Width
-
800
-
ns
CL2
TSL
Clock Set-up Time
CL2
CL1
500
-
ns
CL1,CL2
TLS
Clock Set-up Time
CL1
CL2
500
-
ns
CL1,CL2
TR/TF
Clock Rise/Fall Time
-
-
200
ns
CL1,CL2
TSU
Data Set-up Time
-
300
-
ns
DL1,DL2,DR1,DR2
TDH
Data Hold Time
-
300
-
ns
DL1,DL2,DR1,DR2
TD
Data Delay Time
CL = 15 PF
-
500
ns
DL1,DL2,DR1,DR2
Maximum Absolute Ratings :
Symbol
Parameters
Min.
Max.
Unit
VDD
Supply Voltage
-0.3
7
V
TOPR
Operating Temperature
-20
85
0C
TSTG
Storage Temperature
-55
125
0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com