Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU0071 Datasheet (PDF) - Anpec Electronics Coropration

APU0071 Datasheet PDF - Anpec Electronics Coropration
Part # APU0071
Download  APU0071 Download
File Size   500.69 Kbytes
Page   28 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 80 Segment / 16 Common Controller for Dot Matrix LCD

APU0071 Datasheet (PDF)

Go To PDF Page Download Datasheet
APU0071 Datasheet PDF - Anpec Electronics Coropration

Part # APU0071
Download  APU0071 Click to download

File Size   500.69 Kbytes
Page   28 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 80 Segment / 16 Common Controller for Dot Matrix LCD

APU0071 Datasheet (HTML) - Anpec Electronics Coropration


APU0071 Product details

DOT MATRIX LCD CONTROLLER & DRIVER
APU0071 is a dot matrix LCD driver & controller LSI that is fabricated by low power CMOS technology. It is capable of displaying 1-line 16 characters or 2 line 16 characters with 5 × 8 dots format.

FEATURES
Internal Memory
- Character Generator ROM (CGROM) : 7840bits (224 characters × 5 × 7dot)
- Character Generator RAM (CGRAM) : 160 bit (4-characters × 5 × 8 dot)
- Display Data RAM (DDRAM) : 256bits (32 characters × 8bits)
• Low power operation
   - Power supply voltage range : 2.7 ~ 5.5V (VDD)
   - LCD drive voltage range : 3.0 ~ 7.0 (VDD-V5)
• CMOS process
• Duty cycle : 1/16
• Built-in oscillator
• Low power consumption
• Internal divide resistor for LCD driving voltage
• Available for COG

FUNCTIONS
Character type dot matrix LCD driver & controller.
• Easy interface with 4-bit or 8-bit MPU.
• Internal driver : 16 common and 80 segment signal output.
• Display character pattern : 5 × 7 dots format (224 kinds)
• Direct programming of the special character patterns by character Generator RAM.
• Mask open for programming customer character patterns
• Various instructions function.
• Automatic power on reset.




Similar Part No. - APU0071

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APU0063 ANPEC-APU0063 Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
APU0063QETY ANPEC-APU0063QETY Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
APU0063YETY ANPEC-APU0063YETY Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
APU0065 ANPEC-APU0065 Datasheet
136Kb / 11P
40 CH Driver for Dot Matrix LCD
APU0065Q-TY ANPEC-APU0065Q-TY Datasheet
136Kb / 11P
40 CH Driver for Dot Matrix LCD
More results


Similar Description - APU0071

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
logo
Anpec Electronics Corop...
APU0594 ANPEC-APU0594 Datasheet
966Kb / 11P
80 Segment / 17 Common Controller for Dot Matrix LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
80 CH Segment/Common Driver For Dot Matrix LCD Specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com