Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU0065 Datasheet (PDF) - Anpec Electronics Coropration

APU0065 Datasheet PDF - Anpec Electronics Coropration
Part # APU0065
Download  APU0065 Download
File Size   136.45 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 40 CH Driver for Dot Matrix LCD

APU0065 Datasheet (PDF)

Go To PDF Page Download Datasheet
APU0065 Datasheet PDF - Anpec Electronics Coropration

Part # APU0065
Download  APU0065 Click to download

File Size   136.45 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 40 CH Driver for Dot Matrix LCD

APU0065 Datasheet (HTML) - Anpec Electronics Coropration


APU0065 Product details

GENERAL DESCRIPTION
The APU0065 is a LCD driver LSI that is fabricated by low power CMOS technology. Basically this LSI consists of 20 × 2bit bi-directional shift register, 20 × 2bit data latch and 20 × 2bit driver. This LSI can be CMOS Process used a Common or Segment driver.

FEATURES
• Display driving bias ; static-1/5
• Power supply voltage ; VDD= +5V ± 10%
                                        VDD= +3V ± 10%
• Supply voltage range for display : ≤ 10V
• Negative display voltage :
   0 ≥ VEE ≥ VDD - 10V
• Interface

APPLICATIONS
• Dot matrix LCD driver with 40 channel output.
• Selectable function to use Common / Segment drivers simultaneously.
• Input / Output signal
• Output ; 20 × 2 channel waveform for LCD driving
• Input ; - Serial display data and control pulse from the controller LSI .
• Bias voltage (V1 - V6)
• QFP64 and bare chip available




Similar Part No. - APU0065

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APU0063 ANPEC-APU0063 Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
APU0063QETY ANPEC-APU0063QETY Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
APU0063YETY ANPEC-APU0063YETY Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
More results


Similar Description - APU0065

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
DOT MATRIX LCD 40-OUT SEGMENT DRIVER
logo
OKI electronic componet...
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
Samsung semiconductor
KS0105 SAMSUNG-KS0105 Datasheet
101Kb / 8P
32 CH COMMON DRIVER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
NT3882 ETC-NT3882 Datasheet
227Kb / 9P
Dot Matrix LCD 40-Channel Driver
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com