Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7065C Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7065C
Description  40CH Segment/Common Driver for Dot Matrix LCD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7065C Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7065C Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7065C Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ST
Sitronix
ST7065C
40CH Segment/Common Driver for Dot Matrix LCD
V1.4c
2009/08/21
1/14
Functions:
Dot matrix LCD driver with two 20 channel
outputs
Selectable function to use common/segment
drivers simultaneously
Bias voltage (V1 ~ V6)
Input/output signals
Input : Serial display data and control
pulse from controller IC
Output : 20 X 2 channels waveform for
LCD driving
Features:
Display driving bias : static to 1/5
Power supply for logic : 2.7V ~ 5.5V
Power supply for LCD voltage (VDD~VEE) :
3V ~ 11V
64 Pin QFP package and bare chip available
Description:
ST7065C is a segment/common driver for dot
matrix type LCD display. It features 40 channels
with 20 X 2 bits bi-directional shift registers, data
latches, LCD drivers and logic control circuits. It
is fabricated by high voltage CMOS process with
low current consumption.
The ST7065C can convert serial data received
from a LCD controller, such as ST7066U, into
parallel
data
and
send
out
LCD
driving
waveforms to the LCD panel. The ST7065C is
designed for general-purpose LCD drivers. It can
drive both static and dynamic drive LCD. The LSI
can be used as segment/common driver.
The ST7065C has pin function compatibility with
the KS0065B that allows the user easily to
replace it with a ST7065C.


Similar Part No. - ST7065C

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
logo
List of Unclassifed Man...
ST7066 ETC-ST7066 Datasheet
318Kb / 29P
Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7065C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
KS0065B SAMSUNG-KS0065B Datasheet
233Kb / 12P
40CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
96CH Segment Driver For Dot Matrix LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
80 CH Segment/Common Driver For Dot Matrix LCD Specification
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com