Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4564841 Datasheet (PDF) - Elpida Memory

UPD4564841 Datasheet PDF - Elpida Memory
Part # UPD4564841
Download  UPD4564841 Download
File Size   919.98 Kbytes
Page   85 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 64M-bit Synchronous DRAM 4-bank, LVTTL

UPD4564841 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD4564841 Datasheet PDF - Elpida Memory

Part # UPD4564841
Download  UPD4564841 Click to download

File Size   919.98 Kbytes
Page   85 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 64M-bit Synchronous DRAM 4-bank, LVTTL

UPD4564841 Datasheet (HTML) - Elpida Memory


UPD4564841 Product details

Description
The µPD4564441, 4564841, 4564163 are high-speed 67,108,864-bit synchronous dynamic random-access memories, organized as 4,194,304 × 4 × 4, 2,097,152 × 8 × 4, 1,048,576 ×16 × 4 (word × bit × bank), respectively.
The synchronous DRAMs achieved high-speed data transfer using the pipeline architecture.
All inputs and outputs are synchronized with the positive edge of the clock.
The synchronous DRAMs are compatible with Low Voltage TTL (LVTTL).
These products are packaged in 54-pin TSOP (II).

Features
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by A12 and A13 (Bank Select)
• Byte control (×16) by LDQM and UDQM
• Programmable Wrap sequence (Sequential / Interleave)
• Programmable burst length (1, 2, 4, 8 and full page)
• Programmable /CAS latency (2 and 3)
• Automatic precharge and controlled precharge
• CBR (auto) refresh and self refresh
• ×4, ×8, ×16 organization
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible inputs and outputs
• 4,096 refresh cycles / 64 ms
• Burst termination by Burst stop command and Precharge command




Similar Part No. - UPD4564841

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A10-9JH NEC-UPD4564323G5-A10-9JH Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A10B-9JH NEC-UPD4564323G5-A10B-9JH Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A60-9JH NEC-UPD4564323G5-A60-9JH Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A70-9JH NEC-UPD4564323G5-A70-9JH Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Similar Description - UPD4564841

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
128M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com