Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4564323 Datasheet (PDF) - NEC

UPD4564323 Datasheet PDF - NEC
Part # UPD4564323
Download  UPD4564323 Download
File Size   1048.01 Kbytes
Page   84 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 64M-bit Synchronous DRAM 4-bank, LVTTL

UPD4564323 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD4564323 Datasheet PDF - NEC

Part # UPD4564323
Download  UPD4564323 Click to download

File Size   1048.01 Kbytes
Page   84 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 64M-bit Synchronous DRAM 4-bank, LVTTL

UPD4564323 Datasheet (HTML) - NEC


UPD4564323 Product details

Description
The µPD4564323 is a high-speed 67,108,864-bit synchronous dynamic random-access memory, organized as 524,288 words × 32 bits × 4 banks.
The synchronous DRAMs achieved high-speed data transfer using the pipeline architecture.
All inputs and outputs are synchronized with the positive edge of the clock.
The synchronous DRAMs are compatible with Low Voltage TTL (LVTTL).
These products are packaged in 86-pin TSOP (II).

Features
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1 (Bank Select)
• ×32 organization
• Byte control by DQM0, DQM1, DQM2 and DQM3
• Programmable Wrap sequence (Sequential / Interleave)
• Programmable burst length (1, 2, 4, 8 and full page)
• Programmable /CAS latency (2 and 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible inputs and outputs
• 4,096 refresh cycles / 64 ms
• Burst termination by Burst stop command and Precharge command




Similar Part No. - UPD4564323

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564163G5 ELPIDA-UPD4564163G5 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564441 ELPIDA-UPD4564441 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564841 ELPIDA-UPD4564841 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564841G5 ELPIDA-UPD4564841G5 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Similar Description - UPD4564323

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
128M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com