Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2155237 Datasheet (PDF) - Schneider Electric

QO2155237 Datasheet PDF - Schneider Electric
Part # QO2155237
Download  QO2155237 Download
File Size   111.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in

QO2155237 Datasheet (PDF)

Go To PDF Page Download Datasheet
QO2155237 Datasheet PDF - Schneider Electric

Part # QO2155237
Download  QO2155237 Click to download

File Size   111.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in

QO2155237 Datasheet (HTML) - Schneider Electric




Similar Part No. - QO2155237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO215 SCHNEIDER-QO215 Datasheet
111Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Nov 26, 2019
QO2150 SCHNEIDER-QO2150 Datasheet
110Kb / 2P
QO mini breaker, 150 A, 2 pole, 120/240 V, 10 kA, plug in
QO2150VH SCHNEIDER-QO2150VH Datasheet
115Kb / 2P
Mini CB, QO, 150 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO2151021 SCHNEIDER-QO2151021 Datasheet
154Kb / 2P
Mini CB, QO, 150 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO2151042 SCHNEIDER-QO2151042 Datasheet
57Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
More results


Similar Description - QO2155237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO215 SCHNEIDER-QO215 Datasheet
111Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Nov 26, 2019
QO215H5237 SCHNEIDER-QO215H5237 Datasheet
104Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Dec 4, 2019
QO215VH SCHNEIDER-QO215VH Datasheet
142Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO2205237 SCHNEIDER-QO2205237 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2105237 SCHNEIDER-QO2105237 Datasheet
111Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO215H SCHNEIDER-QO215H Datasheet
157Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
QO215C SCHNEIDER-QO215C Datasheet
141Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO21535 SCHNEIDER-QO21535 Datasheet
141Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO2151042 SCHNEIDER-QO2151042 Datasheet
57Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO2152100 SCHNEIDER-QO2152100 Datasheet
152Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com