Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2155237 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2155237
Description  Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2155237 Datasheet(HTML) 1 Page - Schneider Electric

  QO2155237 Datasheet HTML 1Page - Schneider Electric QO2155237 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2155237
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 86.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
15 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Ring tongue
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
2
Wire Size
AWG 14...AWG 8 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
76.20 mm (3 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 6, 2019
1


Similar Part No. - QO2155237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO215 SCHNEIDER-QO215 Datasheet
111Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Nov 26, 2019
QO2150 SCHNEIDER-QO2150 Datasheet
110Kb / 2P
QO mini breaker, 150 A, 2 pole, 120/240 V, 10 kA, plug in
QO2150VH SCHNEIDER-QO2150VH Datasheet
115Kb / 2P
Mini CB, QO, 150 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO2151021 SCHNEIDER-QO2151021 Datasheet
154Kb / 2P
Mini CB, QO, 150 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO2151042 SCHNEIDER-QO2151042 Datasheet
57Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
More results

Similar Description - QO2155237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO215 SCHNEIDER-QO215 Datasheet
111Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Nov 26, 2019
QO215H5237 SCHNEIDER-QO215H5237 Datasheet
104Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Dec 4, 2019
QO215VH SCHNEIDER-QO215VH Datasheet
142Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO2205237 SCHNEIDER-QO2205237 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2105237 SCHNEIDER-QO2105237 Datasheet
111Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO215H SCHNEIDER-QO215H Datasheet
157Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
QO215C SCHNEIDER-QO215C Datasheet
141Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO21535 SCHNEIDER-QO21535 Datasheet
141Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO2151042 SCHNEIDER-QO2151042 Datasheet
57Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO2152100 SCHNEIDER-QO2152100 Datasheet
152Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com