Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1350G Datasheet (PDF) - Cypress Semiconductor

CY7C1350G Datasheet PDF - Cypress Semiconductor
Part # CY7C1350G
Download  CY7C1350G Download
File Size   298.9 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture

CY7C1350G Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1350G Datasheet PDF - Cypress Semiconductor

Part # CY7C1350G
Download  CY7C1350G Click to download

File Size   298.9 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture

CY7C1350G Datasheet (HTML) - Cypress Semiconductor


CY7C1350G Product details

Functional Description[1]
The CY7C1350G is a 3.3V, 128K x 36 synchronous-pipelined Burst SRAM designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1350G is equipped with the advanced No Bus Latency™ (NoBL™) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of the SRAM, especially in systems that require frequent Write/Read transitions.

Features
• Pin compatible and functionally equivalent to ZBT™ devices
• Internally self-timed output buffer control to eliminate the need to use OE
• Byte Write capability
• 128K x 36 common I/O architecture
• 3.3V power supply (VDD)
• 2.5V/3.3V I/O power supply (VDDQ)
• Fast clock-to-output times — 2.6 ns (for 250-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• Asynchronous output enable (OE)
• Available in lead-free 100-Pin TQFP package, lead-free and non-lead-free 119-Ball BGA package
• Burst Capability—linear or interleaved burst order
• “ZZ” Sleep mode option




Similar Part No. - CY7C1350G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100AXC CYPRESS-CY7C1350G-100AXC Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100AXI CYPRESS-CY7C1350G-100AXI Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100BGC CYPRESS-CY7C1350G-100BGC Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-100BGI CYPRESS-CY7C1350G-100BGI Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
More results


Similar Description - CY7C1350G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com