Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1351G Datasheet (PDF) - Cypress Semiconductor

CY7C1351G Datasheet PDF - Cypress Semiconductor
Part # CY7C1351G
Download  CY7C1351G Download
File Size   397.88 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture

CY7C1351G Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1351G Datasheet PDF - Cypress Semiconductor

Part # CY7C1351G
Download  CY7C1351G Click to download

File Size   397.88 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture

CY7C1351G Datasheet (HTML) - Cypress Semiconductor


CY7C1351G Product details

Functional Description[1]
The CY7C1351G is a 3.3V, 128K x 36 Synchronous Flow-through Burst SRAM designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1351G is equipped with the advanced No Bus Latency™ (NoBL™) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of data through the SRAM, especially in systems that require frequent Write-Read transitions.

Features
• Can support up to 133-MHz bus operations with zero wait states
   — Data is transferred on every clock
• Pin compatible and functionally equivalent to ZBT™ devices
• Internally self-timed output buffer control to eliminate the need to use OE
• Registered inputs for flow-through operation
• Byte Write capability
• 128K x 36 common I/O architecture
• 2.5V/3.3V I/O power supply (VDDQ)
• Fast clock-to-output times
   — 6.5 ns (for 133-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• Asynchronous Output Enable
• Available in lead-free 100-Pin TQFP package, lead-free and non-lead-free 119-Ball BGA package
• Burst Capability—linear or interleaved burst order
• Low standby power




Similar Part No. - CY7C1351G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
550Kb / 20P
4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
567Kb / 21P
4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
550Kb / 20P
4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
567Kb / 21P
4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_12 Datasheet
550Kb / 20P
4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
More results


Similar Description - CY7C1351G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com