Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE699M01 Datasheet (PDF) - NEC

NE699M01 Datasheet PDF - NEC
Part # NE699M01
Download  NE699M01 Download
File Size   50.36 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION

NE699M01 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE699M01 Datasheet PDF - NEC

Part # NE699M01
Download  NE699M01 Click to download

File Size   50.36 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION

NE699M01 Datasheet (HTML) - NEC


NE699M01 Product details

DESCRIPTION
The NE699M01 is an NPN high frequency silicon epitaxial transistor (NE687) encapsulated in an ultra small 6 pin SOT-363 package. Its four emitter pins decrease emitter inductance resulting in 3 dB more gain compared to conventional SOT-23 and SOT-143 devices. The NE699M01 is ideal for LNA and pre-driver applications up to 2.4 GHz where low cost, high gain, low voltage and low current are prime considerations.

FEATURES
• HIGH fT:
   16 GHz TYP at 2 V, 20 mA
• LOW NOISE FIGURE:
   NF = 1.1 dB TYP at 2 GHz
• HIGH GAIN:
   |S21E|2 = 14 dB TYP at f = 2 GHz
• 6 PIN SMALL MINI MOLD PACKAGE
• EXCELLENT LOW VOLTAGE,
   LOW CURRENT PERFORMANCE




Similar Part No. - NE699M01

ManufacturerPart #DatasheetDescription
logo
NEC
NE69039 NEC-NE69039 Datasheet
27Kb / 2P
NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
NE69039 CEL-NE69039 Datasheet
188Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
NE69039 RENESAS-NE69039 Datasheet
327Kb / 14P
SILICON TRANSISTOR
1995
logo
NEC
NE69039-T1 NEC-NE69039-T1 Datasheet
27Kb / 2P
NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
NE69039-T1 RENESAS-NE69039-T1 Datasheet
327Kb / 14P
SILICON TRANSISTOR
1995
More results


Similar Description - NE699M01

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3587 NEC-2SC3587 Datasheet
91Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3603 NEC-2SC3603 Datasheet
89Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3604 NEC-2SC3604 Datasheet
94Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC5369 NEC-2SC5369 Datasheet
72Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
2SC5408 NEC-2SC5408 Datasheet
50Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
2SC5409 NEC-2SC5409 Datasheet
39Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
NE698M01 NEC-NE698M01 Datasheet
60Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIFH-GAIN AMPLIFICATION
logo
New Jersey Semi-Conduct...
2SC3604 NJSEMI-2SC3604 Datasheet
198Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
eleflow technologies co...
2SC3603 ELEFLOW-2SC3603 Datasheet
222Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com