Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3604 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SC3604 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SC3604
Download  2SC3604 Download
File Size   198.04 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION

2SC3604 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3604 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SC3604
Download  2SC3604 Click to download

File Size   198.04 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION

2SC3604 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SC3604 Product details

The 2SC3604 is an NPN epitaxial transistor designed for low noise amplification at 1.0 to 6.0 GHz. This transistor has low-noise and high-gain characteristics in a wide collector current region, and has a wide dynamic range.

FEATURES
• Low noise : NF = 1.6 dB TYP. @ f = 2.0 GHz
• High power gain : GA = 12 dB TYP. @ f = 2.0 GHz




Similar Part No. - 2SC3604

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3604 NEC-2SC3604 Datasheet
94Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC3604 RENESAS-2SC3604 Datasheet
218Kb / 10P
SILICON TRANSISTOR
1996
More results


Similar Description - 2SC3604

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3587 NEC-2SC3587 Datasheet
91Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3603 NEC-2SC3603 Datasheet
89Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3604 NEC-2SC3604 Datasheet
94Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC5177 NEC-2SC5177 Datasheet
56Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5180 NEC-2SC5180 Datasheet
54Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5185 NEC-2SC5185 Datasheet
60Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5369 NEC-2SC5369 Datasheet
72Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC3356 CEL-2SC3356 Datasheet
1Mb / 9P
NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
logo
eleflow technologies co...
2SC3603 ELEFLOW-2SC3603 Datasheet
222Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com