Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5504 Datasheet (PDF) - California Eastern Labs

NX5504 Datasheet PDF - California Eastern Labs
Part # NX5504
Download  NX5504 Download
File Size   309.16 Kbytes
Page   6 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION

NX5504 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX5504 Datasheet PDF - California Eastern Labs

Part # NX5504
Download  NX5504 Click to download

File Size   309.16 Kbytes
Page   6 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION

NX5504 Datasheet (HTML) - California Eastern Labs




Similar Part No. - NX5504

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5504 CEL-NX5504 Datasheet
303Kb / 8P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5504 RENESAS-NX5504 Datasheet
269Kb / 12P
LASER DIODE
2006
NX5504EH RENESAS-NX5504EH Datasheet
269Kb / 12P
LASER DIODE
2006
logo
California Eastern Labs
NX5504EH-AZ CEL-NX5504EH-AZ Datasheet
303Kb / 8P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5504EK RENESAS-NX5504EK Datasheet
269Kb / 12P
LASER DIODE
2006
More results


Similar Description - NX5504

ManufacturerPart #DatasheetDescription
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX6406 CEL-NX6406 Datasheet
379Kb / 5P
NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7529 CEL-NX7529 Datasheet
190Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com