Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX7561 Datasheet (PDF) - California Eastern Labs

NX7561 Datasheet PDF - California Eastern Labs
Part # NX7561
Download  NX7561 Download
File Size   185.98 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE

NX7561 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX7561 Datasheet PDF - California Eastern Labs

Part # NX7561
Download  NX7561 Click to download

File Size   185.98 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE

NX7561 Datasheet (HTML) - California Eastern Labs




Similar Part No. - NX7561

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
logo
Renesas Technology Corp
NX7561JB-BC RENESAS-NX7561JB-BC Datasheet
220Kb / 10P
LASER DIODE
2002
logo
California Eastern Labs
NX7561JB-BC-AZ CEL-NX7561JB-BC-AZ Datasheet
180Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
More results


Similar Description - NX7561

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX7661 CEL-NX7661 Datasheet
185Kb / 4P
NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7529 CEL-NX7529 Datasheet
190Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com