Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX6508 Datasheet (PDF) - California Eastern Labs

NX6508 Datasheet PDF - California Eastern Labs
Part # NX6508
Download  NX6508 Download
File Size   332.22 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS

NX6508 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6508 Datasheet PDF - California Eastern Labs

Part # NX6508
Download  NX6508 Click to download

File Size   332.22 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS

NX6508 Datasheet (HTML) - California Eastern Labs




Similar Part No. - NX6508

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6508 RENESAS-NX6508 Datasheet
258Kb / 9P
LASER DIODE
2005
NX6508GH47 RENESAS-NX6508GH47 Datasheet
258Kb / 9P
LASER DIODE
2005
NX6508GH49 RENESAS-NX6508GH49 Datasheet
258Kb / 9P
LASER DIODE
2005
NX6508GH51 RENESAS-NX6508GH51 Datasheet
258Kb / 9P
LASER DIODE
2005
NX6508GH53 RENESAS-NX6508GH53 Datasheet
258Kb / 9P
LASER DIODE
2005
More results


Similar Description - NX6508

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
05/03/2004
NX5307 CEL-NX5307 Datasheet
460Kb / 8P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s INTRA-OFFICE APPLICATION
NX6406 CEL-NX6406 Datasheet
379Kb / 5P
NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX6509 CEL-NX6509 Datasheet
310Kb / 5P
NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX8300BE-CC CEL-NX8300BE-CC Datasheet
125Kb / 5P
InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com