Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX6509 Datasheet (PDF) - California Eastern Labs

NX6509 Datasheet PDF - California Eastern Labs
Part # NX6509
Download  NX6509 Download
File Size   310.83 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR LONG HAUL 2.5 Gb/s APPLICATIONS

NX6509 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6509 Datasheet PDF - California Eastern Labs

Part # NX6509
Download  NX6509 Click to download

File Size   310.83 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR LONG HAUL 2.5 Gb/s APPLICATIONS

NX6509 Datasheet (HTML) - California Eastern Labs




Similar Part No. - NX6509

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6509 RENESAS-NX6509 Datasheet
254Kb / 10P
LASER DIODE
2004
NX6509GH RENESAS-NX6509GH Datasheet
254Kb / 10P
LASER DIODE
2004
NX6509GK RENESAS-NX6509GK Datasheet
254Kb / 10P
LASER DIODE
2004
More results


Similar Description - NX6509

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
05/03/2004
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com