Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7622A-2A Datasheet (PDF) - NEC

PS7622A-2A Datasheet PDF - NEC
Part # PS7622A-2A
Download  PS7622A-2A Download
File Size   45.04 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET

PS7622A-2A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7622A-2A Datasheet PDF - NEC

Part # PS7622A-2A
Download  PS7622A-2A Click to download

File Size   45.04 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET

PS7622A-2A Datasheet (HTML) - NEC




Similar Part No. - PS7622A-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7622A-2A CEL-PS7622A-2A Datasheet
48Kb / 6P
8-PIN SOP, SLOW SWITCHING TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7622A-2A-F3 CEL-PS7622A-2A-F3 Datasheet
48Kb / 6P
8-PIN SOP, SLOW SWITCHING TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7622A-2A-F4 CEL-PS7622A-2A-F4 Datasheet
48Kb / 6P
8-PIN SOP, SLOW SWITCHING TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
More results


Similar Description - PS7622A-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7211-2A NEC-PS7211-2A Datasheet
69Kb / 12P
8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2A CEL-PS7241-2A Datasheet
330Kb / 10P
8-PIN SOP, 400V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS76222A CEL-PS76222A Datasheet
48Kb / 6P
8-PIN SOP, SLOW SWITCHING TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
logo
Renesas Technology Corp
PS7221A-2A RENESAS-PS7221A-2A Datasheet
271Kb / 14P
8-PIN SOP, 260 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com