Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7221A-2A Datasheet (PDF) - Renesas Technology Corp

PS7221A-2A Datasheet PDF - Renesas Technology Corp
Part # PS7221A-2A
Download  PS7221A-2A Download
File Size   271.32 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-PIN SOP, 260 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET

PS7221A-2A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7221A-2A Datasheet PDF - Renesas Technology Corp

Part # PS7221A-2A
Download  PS7221A-2A Click to download

File Size   271.32 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-PIN SOP, 260 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET

PS7221A-2A Datasheet (HTML) - Renesas Technology Corp


PS7221A-2A Product details

DESCRIPTION
The PS7221A-2A is a solid state relay containing GaAs LEDs on the light emitting side (input side) and MOS FETs
on the output side.
It is suitable for analog signal control because of its low offset and high linearity.
FEATURES
• 2 channel type (1 a + 1 a output)
• Low LED operating current (IF = 1 mA)
• Designed for AC/DC switching line changer
• Small and thin package (8-pin SOP, Height = 2.1 mm)
• Low offset voltage
• Ordering number of taping product : PS7221A-2A-F3, F4: 1 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8241/8242




Similar Part No. - PS7221A-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
Solid State Relay OCMOS FET
PS7221A-2A-A CEL-PS7221A-2A-A Datasheet
213Kb / 12P
Solid State Relay OCMOS FET
logo
NEC
PS7221A-2A-F3 NEC-PS7221A-2A-F3 Datasheet
70Kb / 7P
8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7221A-2A-F3 CEL-PS7221A-2A-F3 Datasheet
213Kb / 12P
Solid State Relay OCMOS FET
More results


Similar Description - PS7221A-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7622A-2A NEC-PS7622A-2A Datasheet
45Kb / 6P
8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
PS7241-2A NEC-PS7241-2A Datasheet
97Kb / 12P
8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
PS7241E-1A NEC-PS7241E-1A Datasheet
121Kb / 13P
4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS76222A CEL-PS76222A Datasheet
48Kb / 6P
8-PIN SOP, SLOW SWITCHING TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A_15 Datasheet
252Kb / 15P
4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com