Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5399YRM Datasheet (PDF) - Analog Devices

AD5399YRM Datasheet PDF - Analog Devices
Part # AD5399YRM
Download  AD5399YRM Download
File Size   336.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time

AD5399YRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5399YRM Datasheet PDF - Analog Devices

Part # AD5399YRM
Download  AD5399YRM Click to download

File Size   336.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time

AD5399YRM Datasheet (HTML) - Analog Devices


AD5399YRM Product details

GENERAL DESCRIPTION
The AD5399 is the industry-first dual 12-bit digital-to-analog converter that accepts twos complement digital coding with 2 V dc offset for single-supply operation. Augmented with a built-in precision reference and a solid buffer amplifier, the AD5399 is the smallest self-contained 12-bit precision DAC that fits many general-purpose as well as DSP specific applications. The twos complement programming facilitates the natural coding implementation commonly found in DSP applications, and allows operation in single supply.

FEATURES
    2-channel 12-bit DAC
    Twos complement facilitates bipolar applications
    Bipolar zero with 2 V dc offset
    Built-in 2.000 V precision reference with 10 ppm/°C typ TC
    Buffered voltage output: 0 V to 4 V
    Single-supply operation: 4.5 V to 5.5 V
    Fast 0.8 µs settling time typ
    Ultracompact MSOP-10 package
    Monotonic DNL < ±1 LSB
    Optimized accuracy at zero scale
    Power-on reset to VREF
    3-wire serial data input
    Extended temperature range: –40°C to +105°C

APPLICATIONS
    Single-supply bipolar converter operations
    General-purpose DSP applications
    Digital gain and offset controls
    Instrumentation level settings
    Disk drive control
    Precision motor control




Similar Part No. - AD5399YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5399YRM AD-AD5399YRM Datasheet
342Kb / 12P
Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRM-REEL7 AD-AD5399YRM-REEL7 Datasheet
342Kb / 12P
Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
More results


Similar Description - AD5399YRM

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54LS384 TI-SN54LS384 Datasheet
239Kb / 6P
8-BIT BY 1-BIT TWOS-COMPLEMENT MULTIPLIERS
logo
Analog Devices
AD5329 AD-AD5329 Datasheet
124Kb / 4P
Two?셲 Complement Dual, 12-Bit DACs
20-Dec-2099
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
Linear Technology
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com