Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM365 Datasheet (PDF) - ELM Electronics

ELM365 Datasheet PDF - ELM Electronics
Part # ELM365
Download  ELM365 Download
File Size   30.72 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description SECURITY SYSTEM CONTROLLER

ELM365 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM365 Datasheet PDF - ELM Electronics

Part # ELM365
Download  ELM365 Click to download

File Size   30.72 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description SECURITY SYSTEM CONTROLLER

ELM365 Datasheet (HTML) - ELM Electronics


ELM365 Product details

Description
The ELM365 provides all of the logic necessary for a complete security system in an 8 pin package.
The circuit is capable of monitoring two normally closed input loops and one normally open panic circuit, provides a constant level and a pulsing alarm output, and the logic to drive a status LED.

Features
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Simultaneous monitoring of three circuits
• 45 second delay for entry and exit
• Automatic reset of alarm outputs after 5 minutes
• Status LED output driver
• High current drive outputs - up to 25 mA
• Panic input for instant triggering of the alarm




Similar Part No. - ELM365

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM36400EA-S ELM-TECH-ELM36400EA-S Datasheet
223Kb / 4P
Single N-channel MOSFET
logo
ELM Electronics
ELM36400EA-S ELM-ELM36400EA-S Datasheet
956Kb / 4P
Single N-channel MOSFET
logo
ELM Technology Corporat...
ELM36401EA-S ELM-TECH-ELM36401EA-S Datasheet
268Kb / 4P
Single P-channel MOSFET
ELM36402EA-S ELM-TECH-ELM36402EA-S Datasheet
116Kb / 4P
Single N-channel MOSFET
logo
ELM Electronics
ELM36402EA-S ELM-ELM36402EA-S Datasheet
819Kb / 4P
Single N-channel MOSFET
More results


Similar Description - ELM365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
System Controller
PC21100 NSC-PC21100 Datasheet
54Kb / 2P
LPC-Based TCPA-Compliant Security Controller
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
SYSTEM CONTROLLER
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
System Controller
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
PM8172 System Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
Portable System Controller
REV: 080805
logo
List of Unclassifed Man...
MR-350 ETC2-MR-350 Datasheet
249Kb / 2P
High End Security in a Mainstream System
logo
Infineon Technologies A...
SLE88CF4000P INFINEON-SLE88CF4000P Datasheet
129Kb / 9P
32-Bit Security Controller
12.2009
logo
NXP Semiconductors
PCF7941ATJ NXP-PCF7941ATJ Datasheet
158Kb / 18P
Security Transponder and RISC Controller
2013 Oct 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com