Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8172 Datasheet (PDF) - PMC-Sierra, Inc

PM8172 Datasheet PDF - PMC-Sierra, Inc
Part # PM8172
Download  PM8172 Download
File Size   43.94 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description PM8172 System Controller

PM8172 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8172 Datasheet PDF - PMC-Sierra, Inc

Part # PM8172
Download  PM8172 Click to download

File Size   43.94 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description PM8172 System Controller

PM8172 Datasheet (HTML) - PMC-Sierra, Inc


PM8172 Product details

FEATURES

The PM8172 system controller is ideal for various designs of advanced set-top boxes, DVD players, game stations, and Internet terminal appliances. The PM8172 interfaces to PMC-Sierra’s RM5231A, RM7035C and RM7935 MIPS RISC processors.



CPU INTERFACE

• Connects to PMC-Sierra’s RM5231A, RM7035C, and RM7935 64-bit MIPS RISC microprocessors.

• Supports CPU bus frequencies up to 100 MHz.



SDRAM CONTROLLER

• 32-bit data bus interface.

• Supports two banks of SDRAM, up to 128 Mbytes in size.

• Provides a deep buffer for CPU to SDRAM burst transfers and for PCI to SDRAM burst transfers.

• Supports bus frequencies up to 100 MHz.



FLASH/ROM INTERFACE

• Supports Flash memory area up to 64 Mbytes, with 8-bit, 16-bit, and 32-bit data access capability.

• Supports a ROM area size up to 4 Mbytes, with 8-bit, 16-bit, and 32-bit data access capability.

• Supports a maximum of 12 chip-select signals.

• Shared with a 68K-like peripheral bus.



PERIPHERAL BUS CONTROLLER

• Provides a 68K-like bus interface.

• Does not require an external latch for addressing.

• Provides an 8-bit and 16-bit data bus interface.

• Shared with the Flash/ROM interface.

• Supports up to four DMA channels.

• Provides cycle posting to avoid performance hits from slower devices.



PCI BUS CONTROLLER

• Provides CPU to PCI buffers for burst

transfers.



• Provides a PCI arbiter that supports up

to five individual bus master devices.

• Supports 33 MHz bus frequency.

• Provides a 32-bit data bus interface.



INTERRUPT CONTROLLER

• Supports a maskable interrupt to the CPU and a non-maskable interrupt to the CPU for severe events.

• The priority order of interrupt request lines can be assigned by software.

• Module interrupts can be masked on/off independently by setting the corresponding mask registers.



DMA CONTROLLER

• Supports four channel requests for LPC or ECP DMA mode data transfers.

• Supports PCI bus master accessing to the SDRAM.



CHAINING DMA CONTROLLER

• Supports four independent software DMA channels for transferring data between SDRAM and PCI devices.

• Supports chaining and non-chaining modes.

• Supports rotating and fixed priority types. (Continue..)



 




Similar Part No. - PM8172

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
PM8 SEMTECH-PM8 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
M-System Co.,Ltd.
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
logo
Panasonic Semiconductor
PM8 PANASONIC-PM8 Datasheet
625Kb / 9P
Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
Powerbox
PM80 POWERBOX-PM80 Datasheet
514Kb / 1P
60 - 80 WATTS DC/DC SINGLE - DUAL
logo
Artesyn Technologies
PM800 ARTESYN-PM800 Datasheet
38Kb / 2P
Single and dual output 10 to 12 Watt Nominal input DC/DC converters
More results


Similar Description - PM8172

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
System Controller
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
Portable System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
Stepper System Controller
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
SYSTEM TIMING CONTROLLER
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
SYSTEM CONTROLLER
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
Ethernet System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
System Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
Portable System Controller
REV: 080805
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com