Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8 Datasheet (PDF) - Semtech Corporation

PM8 Datasheet PDF - Semtech Corporation
Part # PM8
Download  PM8 Download
File Size   99.43 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode

PM8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8 Datasheet PDF - Semtech Corporation

Part # PM8
Download  PM8 Click to download

File Size   99.43 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode

PM8 Datasheet (HTML) - Semtech Corporation


PM8 Product details

Description

Quick reference data

  VR = 600V - 1000V

  IF = 2.0A

  trr = 3µS

  IR = 1.0µA

 

Features

♦ Avalanche capability

♦ High thermal shock resistance

♦ Glass passivated for hermetic sealing

♦ Low reverse leakage currents

♦ Low forward voltage drop



 




Similar Part No. - PM8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
logo
Panasonic Semiconductor
PM8 PANASONIC-PM8 Datasheet
625Kb / 9P
Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
Powerbox
PM80 POWERBOX-PM80 Datasheet
514Kb / 1P
60 - 80 WATTS DC/DC SINGLE - DUAL
logo
Artesyn Technologies
PM800 ARTESYN-PM800 Datasheet
38Kb / 2P
Single and dual output 10 to 12 Watt Nominal input DC/DC converters
logo
Schneider Electric
PM8000 SCHNEIDER-PM8000 Datasheet
191Kb / 4P
PowerLogic PM8000 - PM8240 Panel mount meter - intermediate metering
17-May-2024
More results


Similar Description - PM8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
1N5550 SEMTECH-1N5550 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
3SM2 NJSEMI-3SM2 Datasheet
74Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com