Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8819 Datasheet (PDF) - Microsemi Corporation

LX8819 Datasheet PDF - Microsemi Corporation
Part # LX8819
Download  LX8819 Download
File Size   305.47 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual Channel 1A Low Dropout Regulator

LX8819 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8819 Datasheet PDF - Microsemi Corporation

Part # LX8819
Download  LX8819 Click to download

File Size   305.47 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual Channel 1A Low Dropout Regulator

LX8819 Datasheet (HTML) - Microsemi Corporation


LX8819 Product details

DESCRIPTION
The LX8819 is a dual channel positive-voltage linear regulator. This dual regulator has one fixed output coupled with an adjustable output. Each channel features a low dropout and a high accuracy.
The LX8819 provides designers with a flexible power management solution, minimal printed circuit board area, and shorter design cycles.

KEY FEATURES
◾ Two Independent Regulated Outputs
◾ Accurate Output Voltages
◾ Typical Dropout of 1.25V at 1A and 1.1V at 500mA
◾ Independent Thermal and Current Limit Protection
◾ Low Profile 5 Lead SMT Power Package
◾ Low Tolerance Load Regulation
◾ Wide DC Supply Voltage of 3.5V to 10V
◾ Loop Stability Independent of Output Capacitor Type

APPLICATIONS
◾ 5V to 3.3V / ADJ Regulators
◾ Hard Disk Drives, CD-ROMs
◾ ADSL and Cable Modems
◾ Battery Charging Circuits
◾ Instrumentation
◾ PC Peripherals




Similar Part No. - LX8819

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8815 MICROSEMI-LX8815 Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-2500CDF MICROSEMI-LX8815-2500CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-2800CDF MICROSEMI-LX8815-2800CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-3300CDF MICROSEMI-LX8815-3300CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-3318CDF MICROSEMI-LX8815-3318CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
More results


Similar Description - LX8819

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8815 MICROSEMI-LX8815 Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
logo
Microsemi Corporation
LX8816 MICROSEMI-LX8816 Datasheet
375Kb / 9P
Dual Channel 1A Low Dropout Regulator
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
logo
Microsemi Corporation
LX8816 MICROSEMI-LX8816_05 Datasheet
350Kb / 9P
Dual Channel 1A Low Dropout Regulator
logo
SHANGHAI BELLING CO., L...
BL1118 BELLING-BL1118 Datasheet
813Kb / 8P
Dual 1A Low Dropout Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com