Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8815 Datasheet (PDF) - Microsemi Corporation

LX8815 Datasheet PDF - Microsemi Corporation
Part # LX8815
Download  LX8815 Download
File Size   66.18 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual Channel 1A Low Dropout Regulator

LX8815 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8815 Datasheet PDF - Microsemi Corporation

Part # LX8815
Download  LX8815 Click to download

File Size   66.18 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual Channel 1A Low Dropout Regulator

LX8815 Datasheet (HTML) - Microsemi Corporation


LX8815 Product details

DESCRIPTION

The LX8815 is a dual channel positive-voltage linear regulator. This dual regulator has either one fixed output coupled with an adjustable output or two fixed outputs. Each channel features low-dropout and high accuracy.



KEY FEATURES

Two Independent Regulated Outputs

Accurate Output Voltages

Max. Dropout of 1.1V at Rated Current

ndependent Thermal and Current Limit Protection

Low Profile 5 Lead SMT Power Package

Low Tolerance Line (0.2%) and Load (0.4%) Regulation

Wide DC Supply Voltage of 4.0V to 12.0V

Loop Stability Independent of Output Capacitor Type



APPLICATIONS/BENEFITS

5V to 3.3V Linear Regulator

Low Voltage Logic Supplies

Active SCSI Terminators

Battery Charging Circuits

Instrumentation

PC Peripherals




Similar Part No. - LX8815

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8816 MICROSEMI-LX8816 Datasheet
375Kb / 9P
Dual Channel 1A Low Dropout Regulator
LX8816 MICROSEMI-LX8816 Datasheet
350Kb / 9P
Dual Channel 1A Low Dropout Regulator
LX8816-04CDF MICROSEMI-LX8816-04CDF Datasheet
375Kb / 9P
Dual Channel 1A Low Dropout Regulator
LX8816-04CDF MICROSEMI-LX8816-04CDF Datasheet
350Kb / 9P
Dual Channel 1A Low Dropout Regulator
LX8816-04CDF-TR MICROSEMI-LX8816-04CDF-TR Datasheet
350Kb / 9P
Dual Channel 1A Low Dropout Regulator
More results


Similar Description - LX8815

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
logo
Microsemi Corporation
LX8816 MICROSEMI-LX8816 Datasheet
375Kb / 9P
Dual Channel 1A Low Dropout Regulator
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
logo
Microsemi Corporation
LX8819 MICROSEMI-LX8819 Datasheet
305Kb / 9P
Dual Channel 1A Low Dropout Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
logo
Microsemi Corporation
LX8816 MICROSEMI-LX8816_05 Datasheet
350Kb / 9P
Dual Channel 1A Low Dropout Regulator
logo
SHANGHAI BELLING CO., L...
BL1118 BELLING-BL1118 Datasheet
813Kb / 8P
Dual 1A Low Dropout Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com