Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR6020 Datasheet (PDF) - TRANSYS Electronics Limited

MBR6020 Datasheet PDF - TRANSYS Electronics Limited
Part # MBR6020
Download  MBR6020 Download
File Size   122.18 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES STUD TYPE 60 A

MBR6020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR6020 Datasheet PDF - TRANSYS Electronics Limited

Part # MBR6020
Download  MBR6020 Click to download

File Size   122.18 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES STUD TYPE 60 A

MBR6020 Datasheet (HTML) - TRANSYS Electronics Limited




Similar Part No. - MBR6020

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MBR6020 NAINA-MBR6020 Datasheet
123Kb / 2P
Schottky Power Diode, 60A
logo
GeneSiC Semiconductor, ...
MBR6020 GENESIC-MBR6020 Datasheet
729Kb / 3P
High Surge Capability
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
logo
GeneSiC Semiconductor, ...
MBR6020 GENESIC-MBR6020 Datasheet
807Kb / 3P
Silicon Power Schottky Diode
logo
Rectron Semiconductor
MBR60200CE RECTRON-MBR60200CE Datasheet
368Kb / 5P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR6020

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
MBR8020 TEL-MBR8020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
1N5829 TEL-1N5829 Datasheet
141Kb / 2P
SCHOTTKY DIODES STUD TYPE 25 A
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 40 A
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 50 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
SD51 TEL-SD51 Datasheet
117Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com