Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD41 Datasheet (PDF) - TRANSYS Electronics Limited

SD41 Datasheet PDF - TRANSYS Electronics Limited
Part # SD41
Download  SD41 Download
File Size   118.69 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES STUD TYPE 30 A

SD41 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD41 Datasheet PDF - TRANSYS Electronics Limited

Part # SD41
Download  SD41 Click to download

File Size   118.69 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES STUD TYPE 30 A

SD41 Datasheet (HTML) - TRANSYS Electronics Limited


SD41 Product details

Features

• High Surge Capability

• Types up 45V to VRRM



Maximum Ratings

• Operating Temperature: -55°C to +150°C

• Storage Temperature: -55°C to +175°C



 




Similar Part No. - SD41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
Naina Semiconductor ltd...
SD41 NAINA-SD41 Datasheet
130Kb / 1P
SCHOTTKY RECTIFIER
SD41 NAINA-SD41 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
logo
New Jersey Semi-Conduct...
SD41 NJSEMI-SD41 Datasheet
135Kb / 1P
Schottky Rectifiers Single Chip Devices
More results


Similar Description - SD41

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
MBR8020 TEL-MBR8020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
MBR6020 TEL-MBR6020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
1N5829 TEL-1N5829 Datasheet
141Kb / 2P
SCHOTTKY DIODES STUD TYPE 25 A
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 40 A
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 50 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
SD51 TEL-SD51 Datasheet
117Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com