Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP4005 Datasheet (PDF) - Microsemi Corporation

MXP4005 Datasheet PDF - Microsemi Corporation
Part # MXP4005
Download  MXP4005 Download
File Size   121.13 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaAs/InP PIN Photo Diode

MXP4005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXP4005 Datasheet PDF - Microsemi Corporation

Part # MXP4005
Download  MXP4005 Click to download

File Size   121.13 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaAs/InP PIN Photo Diode

MXP4005 Datasheet (HTML) - Microsemi Corporation


MXP4005 Product details

DESCRIPTION
Microsemi’s InGaAs/InP PIN Photo Diode chips are ideal for high bandwidth 1310nm and 1550nm optical networking applications.
The device series offers superior noise performance and sensitivity due to their planar construction and passivation.
The MXP400X series of photo diodes are currently offered in die form allowing manufacturers the versatility of custom assembly configurations.
This device is ideal for manufacturers of optical receivers, transponders, optical transmission modules and combination PIN photo diode – transimpedance amplifier.
Microsemi will assemble die on submounts and custom configurations.

KEY FEATURES
◾ High Responsivity
◾ Low Dark Current
◾ Extremely Low Capacitance
◾ 12GHz , High Bandwidth
◾ Custom Sub-mounts
◾ Large 40um Bond Pad

APPLICATIONS
◾ 1310nm CATV Optical Applications
◾ 1550nm DWDM Optical Applications
◾ SONET/SDH (FEC), ATM
◾ 10Gigabit Ethernet, Fibre Channel
◾ 10Gbps NRZ or RZ modulation
◾ Optical Test equipment

BENEFITS
◾ Planar passivation
◾ Low Contact Resistance




Similar Part No. - MXP4005

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP4000 MICROSEMI-MXP4000 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
MXP4001 MICROSEMI-MXP4001 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
MXP4002 MICROSEMI-MXP4002 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
MXP4003 MICROSEMI-MXP4003 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
logo
MaxPower Semiconductor
MXP4004BE MAXPOWER-MXP4004BE Datasheet
178Kb / 5P
40V N-Channel MOSFET
Rev 1.0, Sep 1 2011
More results


Similar Description - MXP4005

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PD7XX8 MITSUBISHI-PD7XX8 Datasheet
85Kb / 3P
InGaAs PIN PHOTO DIODES
PD8XX2 MITSUBISHI-PD8XX2 Datasheet
167Kb / 3P
InGaAs AVALANCHE PHOTO DIODES
logo
Micro Electronics
ML303B MICRO-ELECTRONICS-ML303B Datasheet
101Kb / 2P
PIN PHOTO DIODE
ML308 MICRO-ELECTRONICS-ML308 Datasheet
79Kb / 2P
PIN PHOTO DIODE
logo
Microsemi Corporation
MXP4000 MICROSEMI-MXP4000 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
logo
Mitsubishi Electric Sem...
PD7XX7 MITSUBISHI-PD7XX7 Datasheet
91Kb / 3P
InGaAs PIN PHOTO DIODES
PD739C13 MITSUBISHI-PD739C13 Datasheet
53Kb / 2P
InGaAs PIN PHOTO DIODES
PD7XX26 MITSUBISHI-PD7XX26 Datasheet
30Kb / 2P
InGaAs PIN PHOTO DIODES
logo
Microsemi Corporation
LX3050 MICROSEMI-LX3050 Datasheet
600Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
LX3051 MICROSEMI-LX3051 Datasheet
608Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com