Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX3050 Datasheet (PDF) - Microsemi Corporation

LX3050 Datasheet PDF - Microsemi Corporation
Part # LX3050
Download  LX3050 Download
File Size   600.98 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Coplanar InGaAs/InP PIN Photo Diode

LX3050 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX3050 Datasheet PDF - Microsemi Corporation

Part # LX3050
Download  LX3050 Click to download

File Size   600.98 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Coplanar InGaAs/InP PIN Photo Diode

LX3050 Datasheet (HTML) - Microsemi Corporation


LX3050 Product details

KEY FEATURES
LX3050 single die
LX3052, 1x4 array die
Coplanar Waveguide , 50ohm
High Responsivity
Low Dark Current
High Bandwidth
Anode/Cathode on illuminated side
125μm Pad pitch
Die good for wire bond or flip-chip
Die good for non-hermetic package

APPLICATIONS
1310nm CATV Optical Applications
1550nm DWDM Optical Applications
SONET/SDH, ATM
10 Gigabit Ethernet, Fibre Channel
1310nm VCSEL receivers




Similar Part No. - LX3050

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX3051 MICROSEMI-LX3051 Datasheet
608Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
More results


Similar Description - LX3050

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PD7XX8 MITSUBISHI-PD7XX8 Datasheet
85Kb / 3P
InGaAs PIN PHOTO DIODES
logo
Micro Electronics
ML303B MICRO-ELECTRONICS-ML303B Datasheet
101Kb / 2P
PIN PHOTO DIODE
ML308 MICRO-ELECTRONICS-ML308 Datasheet
79Kb / 2P
PIN PHOTO DIODE
logo
Microsemi Corporation
MXP4000 MICROSEMI-MXP4000 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
MXP4005 MICROSEMI-MXP4005 Datasheet
121Kb / 2P
InGaAs/InP PIN Photo Diode
logo
Mitsubishi Electric Sem...
PD7XX7 MITSUBISHI-PD7XX7 Datasheet
91Kb / 3P
InGaAs PIN PHOTO DIODES
PD739C13 MITSUBISHI-PD739C13 Datasheet
53Kb / 2P
InGaAs PIN PHOTO DIODES
PD7XX26 MITSUBISHI-PD7XX26 Datasheet
30Kb / 2P
InGaAs PIN PHOTO DIODES
logo
Microsemi Corporation
LX3051 MICROSEMI-LX3051 Datasheet
608Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
LX3044 MICROSEMI-LX3044 Datasheet
727Kb / 5P
10.3 Gbps Coplanar GaAs PIN Photo Diode
Rev. 1.1
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com