Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX3044 Datasheet (PDF) - Microsemi Corporation

LX3044 Datasheet PDF - Microsemi Corporation
Part # LX3044
Download  LX3044 Download
File Size   727.05 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10.3 Gbps Coplanar GaAs PIN Photo Diode

LX3044 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX3044 Datasheet PDF - Microsemi Corporation

Part # LX3044
Download  LX3044 Click to download

File Size   727.05 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10.3 Gbps Coplanar GaAs PIN Photo Diode

LX3044 Datasheet (HTML) - Microsemi Corporation


LX3044 Product details

KEY FEATURES
LX3044 Single Die
LX3045, 1x4 Array Die
LX3046, 1x12 Array Die
Coplanar Waveguide , 50ohm
High Responsivity
Low Dark Current
High Bandwidth
Anode/Cathode on Illuminated
Side
125mm Pad pitch
Die Good for Bond Wire or Flip
Chip Applications

APPLICATIONS
Short Reach Optical Networks
10Gigabit Ethernet, Fibre
Channel
VCSEL Array Receiver




Similar Part No. - LX3044

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM MICROSEMI-LX3005CDM Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM-TR MICROSEMI-LX3005CDM-TR Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3050 MICROSEMI-LX3050 Datasheet
600Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
LX3051 MICROSEMI-LX3051 Datasheet
608Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
More results


Similar Description - LX3044

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ML303B MICRO-ELECTRONICS-ML303B Datasheet
101Kb / 2P
PIN PHOTO DIODE
ML308 MICRO-ELECTRONICS-ML308 Datasheet
79Kb / 2P
PIN PHOTO DIODE
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83CDXXZ AVAGO-AFBR-83CDXXZ Datasheet
157Kb / 2P
10.3 & 12.5 Gbps/Channel
logo
Optoway Technology Inc
SPB-2960LWG OPTOWAY-SPB-2960LWG Datasheet
594Kb / 5P
10.3 Gbps Digital Diagnostic
logo
Molex Electronics Ltd.
0621007100 MOLEX-0621007100 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/25/2021
0621007200 MOLEX-0621007200 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/26/2021
0621007400 MOLEX-0621007400 Datasheet
30Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
04/01/2021
0621007500 MOLEX-0621007500 Datasheet
30Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
04/01/2021
logo
Microsemi Corporation
LX3050 MICROSEMI-LX3050 Datasheet
600Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
LX3051 MICROSEMI-LX3051 Datasheet
608Kb / 5P
Coplanar InGaAs/InP PIN Photo Diode
Rev. 1.1
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com