Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89C61X2 Datasheet (PDF) - NXP Semiconductors

89C61X2 Datasheet PDF - NXP Semiconductors
Part # 89C61X2
Download  89C61X2 Download
File Size   342.57 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit Flash microcontroller family

89C61X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
89C61X2 Datasheet PDF - NXP Semiconductors

Part # 89C61X2
Download  89C61X2 Click to download

File Size   342.57 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit Flash microcontroller family

89C61X2 Datasheet (HTML) - NXP Semiconductors


89C61X2 Product details

DESCRIPTION

The Philips microcontrollers described in this data sheet are high-performance static 80C51 designs. They are manufactured in an advanced CMOS process and contain a non-volatile Flash program memory that is programmable in parallel (via a parallel programmer) or In-System Programmable (ISP) via boot loader. They support both 12-clock and 6-clock operation.



FEATURES

•80C51 Central Processing Unit

–64 kbytes Flash

–512 bytes RAM (P89C60X2)

–1024 bytes RAM (P89C61X2)

–Boolean processor

–Fully static operation

•In-System Programmable (ISP) Flash memory

•12-clock operation with selectable 6-clock operation (via software or via parallel programmer)

•Memory addressing capability

–Up to 64 kbytes ROM and 64 kbytes RAM

•Power control modes:

–Clock can be stopped and resumed

–Idle mode

–Power-down mode

•Two speed ranges

–0 to 20 MHz with 6-clock operation

–0 to 33 MHz with 12-clock operation

•LQFP, PLCC, and DIP packages

•Dual Data Pointers

•Three security bits

•Four interrupt priority levels

•Six interrupt sources

•Four 8-bit I/O ports

•Full-duplex enhanced UART

–Framing error detection

–Automatic address recognition

•Three 16-bit timers/counters T0, T1 (standard 80C51) and additional T2 (capture and compare)

•Programmable clock-out pin

•Watchdog timer

•Asynchronous port reset

•Low EMI (inhibit ALE, 6-clock mode)

•Wake-up from Power Down by an external interrupt



 




Similar Part No. - 89C61X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C668 PHILIPS-89C668 Datasheet
299Kb / 54P
80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
More results


Similar Description - 89C61X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
80C51 8-bit Flash microcontroller family
2002 Oct 28
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
80C51 8-bit microcontroller family
2003 May 14
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
80C51 8-bit Flash microcontroller family
2002 Jun 05
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
80C51 8-bit Flash microcontroller family
2002 May 24
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
80C51 8-bit microcontroller family
2003 Oct 02
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com