Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3251N Datasheet (PDF) - Dallas Semiconductor

DS3251N Datasheet PDF - Dallas Semiconductor
Part # DS3251N
Download  DS3251N Download
File Size   925.55 Kbytes
Page   71 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs

DS3251N Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3251N Datasheet PDF - Dallas Semiconductor

Part # DS3251N
Download  DS3251N Click to download

File Size   925.55 Kbytes
Page   71 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs

DS3251N Datasheet (HTML) - Dallas Semiconductor


DS3251N Product details

GENERAL DESCRIPTION
The DS3251 (single), DS3252 (dual), DS3253 (triple), and DS3254 (quad) line interface units (LIUs) perform the functions necessary for interfacing at the physical layer to DS3, E3, or STS-1 lines. Each LIU has independent receive and transmit paths and a built-in jitter attenuator. An on-chip clock adapter generates all line-rate clocks from a single input clock. Control interface options include 8-bit parallel, SPI, and hardware mode.

FEATURES
■ Pin-Compatible Family of Products
■ Each Port Independently Configurable
■ Receive Clock and Data Recovery for Up to 380 meters (DS3), 440 meters (E3), or 360 meters (STS-1) of 75Ω Coaxial Cable
■ Standards-Compliant Transmit Waveshaping
■ Three Control Interface Options: 8-Bit Parallel, SPI, and Hardware Mode
■ Built-In Jitter Attenuators can be Placed in Either the Receive or Transmit Paths
■ Jitter Attenuators Have Provisionable Buffer Depth: 16, 32, 64, or 128 Bits
■ Built-In Clock Adapter Generates All Line-Rate Clocks from a Single Input Clock (DS3, E3, STS-1, OC-3, 19.44MHz, 38.88MHz, 77.76MHz)
■ B3ZS/HDB3 Encoding and Decoding
■ Minimal External Components Required
■ Local and Remote Loopbacks
■ Low-Power 3.3V Operation (5V Tolerant I/O)
■ Industrial Temperature Range: -40°C to +85°C
■ Small Package: 144-Pin, 13mm x 13mm Thermally Enhanced CSBGA
■ Drop-In Replacement for DS3151/52/53/54 LIUs
■ IEEE 1149.1 JTAG Support

APPLICATIONS
    SONET/SDH and PDH Multiplexers
    Digital Cross-Connects
    Access Concentrators
    ATM and Frame Relay Equipment
    Routers
    PBXs
    DSLAMs
    CSU/DSUs




Similar Part No. - DS3251N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3251N MAXIM-DS3251N Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
More results


Similar Description - DS3251N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
logo
Synaptics Incorporated.
CX28333 CONEXANT-CX28333 Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Dallas Semiconductor
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
TDK Electronics
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
Triple E3/DS3/STS-1 Transceiver
logo
Maxim Integrated Produc...
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
DS3141 MAXIM-DS3141 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
REV: 012003
DS3151 MAXIM-DS3151_07 Datasheet
694Kb / 61P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030607
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1
28333-DSH-001-A MA-COM-28333-DSH-001-A_15 Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com