Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC815 Datasheet (PDF) - Sharp Corporation

PC815 Datasheet PDF - Sharp Corporation
Part # PC815
Download  PC815 Download
File Size   106.84 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, High Density Mounting Type Photocoupler

PC815 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC815 Datasheet PDF - Sharp Corporation

Part # PC815
Download  PC815 Click to download

File Size   106.84 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, High Density Mounting Type Photocoupler

PC815 Datasheet (HTML) - Sharp Corporation


PC815 Product details

■ Features
1. High current transfer ratio
   ( CTR: MIN. 600% at I F= 1mA, V CE = 2V)
2. High isolation voltage between input and output
   ( Viso: 5000V rms )
3. Compact dual-in-line package
   PC815 : 1-channel type PC825 : 2-channel type
   PC835 : 3-channel type PC845 : 4-channel type
4. Recognized by UL file No. E64380

■ Applications
1. System appliances, measuring instruments
2. Industrial robots
3. Copiers, automatic vending machines
4. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC815

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC815 SHARP-PC815 Datasheet
112Kb / 4P
High Sensitivity, High Density Mounting Type Photocoupler
PC81510NSZ SHARP-PC81510NSZ Datasheet
178Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC81510NSZ0F SHARP-PC81510NSZ0F Datasheet
292Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC815XNNSZ0F SHARP-PC815XNNSZ0F Datasheet
449Kb / 15P
SYSTEM DEVICE DIVISION ELECTRONIC COMPONENTS AND DEVICES GROUP SHARP CORPORATION
PC815XNYZ0F SHARP-PC815XNYZ0F Datasheet
449Kb / 15P
SYSTEM DEVICE DIVISION ELECTRONIC COMPONENTS AND DEVICES GROUP SHARP CORPORATION
More results


Similar Description - PC815

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC815 SHARP-PC815 Datasheet
112Kb / 4P
High Sensitivity, High Density Mounting Type Photocoupler
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com