Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8586 Datasheet (PDF) - Maxim Integrated Products

MAX8586 Datasheet PDF - Maxim Integrated Products
Part # MAX8586
Download  MAX8586 Download
File Size   245.03 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single 1.2A USB Switch in 3mm x 3mm TDFN

MAX8586 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8586 Datasheet PDF - Maxim Integrated Products

Part # MAX8586
Download  MAX8586 Click to download

File Size   245.03 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single 1.2A USB Switch in 3mm x 3mm TDFN

MAX8586 Datasheet (HTML) - Maxim Integrated Products


MAX8586 Product details

General Description
The MAX8586 single current-limited switch controls up to 1.2A to power USB applications and has multiple protection features including thermal shutdown, internal current limiting, and reverse current protection. The thermal shutdown limits junction temperature during a prolonged short or overload condition. The internal current-limiting circuitry protects the input supply against overload and is programmable using an external resistor. The MAX8586 meets all IEC specifications for USB ports.

Features
♦ Reverse Current Protection
♦ Programmable Current Limit Up to 1.2A
♦ Accurate Current Limit
♦ Selectable Auto-Restart when Fault Is Removed
♦ Thermal-Overload Protection
♦ Selectable Active-High/Low ON Input
♦ Built-In 20ms Fault Blanking
♦ Compliant with All USB Specifications
♦ 2.75V to 5.5V Input Supply Range
♦ FAULT Indicator Output
♦ 15kV ESD Protection (with Caps)
♦ Tiny 8-Pin 3mm x 3mm TDFN Package

Applications
   USB Ports/Hubs
   Desktop/Notebook Computers
   PDAs and Palmtop Computers
   Docking Stations




Similar Part No. - MAX8586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8586 MAXIM-MAX8586 Datasheet
298Kb / 13P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586ETA MAXIM-MAX8586ETA Datasheet
298Kb / 13P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586ETA/V MAXIM-MAX8586ETA/V Datasheet
298Kb / 13P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586ETA/V+ MAXIM-MAX8586ETA/V+ Datasheet
298Kb / 13P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
More results


Similar Description - MAX8586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1574 MAXIM-MAX1574 Datasheet
214Kb / 9P
180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03
MAX1558 MAXIM-MAX1558 Datasheet
210Kb / 12P
Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
Rev 0; 6/04
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 3mm DFN
logo
Maxim Integrated Produc...
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904AEVK MAXIM-MAX38904AEVK Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX1558 MAXIM-MAX1558_V01 Datasheet
243Kb / 14P
Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
2008
MAX25302EVKIT MAXIM-MAX25302EVKIT Datasheet
455Kb / 7P
Evaluates the MAX25302A/MAX25302B IC in a 10-pin (3mm x 3mm) TDFN
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com