Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1574 Datasheet (PDF) - Maxim Integrated Products

MAX1574 Datasheet PDF - Maxim Integrated Products
Part # MAX1574
Download  MAX1574 Download
File Size   214.36 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN

MAX1574 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1574 Datasheet PDF - Maxim Integrated Products

Part # MAX1574
Download  MAX1574 Click to download

File Size   214.36 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN

MAX1574 Datasheet (HTML) - Maxim Integrated Products


MAX1574 Product details

General Description
The MAX1574 charge pump drives up to three white LEDs with regulated constant current for uniform intensity. By utilizing adaptive 1x/2x charge-pump modes and very-low-dropout current regulators, it achieves 180mA output drive capability and high efficiency over the 1-cell lithium-battery input voltage range. Fixed-frequency (1MHz) switching allows for tiny external components, and the regulation scheme is optimized to ensure low EMI and low input ripple.

Features
♦ Up to 180mA (60mA/LED) Drive Capability
♦ 83% Average Efficiency (PLED / PBATT) Over Li+ Battery Discharge
♦ 0.5% (typ) LED Current Matching
♦ Adaptive 1x/2x Mode Switchover
♦ Low Input Ripple and EMI
♦ 5% to 100% Dimming Through Single-Wire Serial Pulse Interface
♦ Low 0.1µA Shutdown Current
♦ 2.7V to 5.5V Supply Voltage Range
♦ Soft-Start Limits Inrush Current
♦ Output Overvoltage Protection
♦ Thermal-Shutdown Protection
♦ 10-Pin 3mm x 3mm TDFN Package

Applications
    LCD Backlighting
    Camera Strobes/Flashes and Movie Lights
    Cell Phones/Smart Phones
    PDAs, Digital Cameras, and Camcorders




Similar Part No. - MAX1574

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results


Similar Description - MAX1574

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8630Y MAXIM-MAX8630Y Datasheet
249Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 1; 2/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Maxim Integrated Produc...
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8608Y MAXIM-MAX8608Y Datasheet
400Kb / 11P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com