Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8630W Datasheet (PDF) - Maxim Integrated Products

MAX8630W Datasheet PDF - Maxim Integrated Products
Part # MAX8630W
Download  MAX8630W Download
File Size   242.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN

MAX8630W Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8630W Datasheet PDF - Maxim Integrated Products

Part # MAX8630W
Download  MAX8630W Click to download

File Size   242.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN

MAX8630W Datasheet (HTML) - Maxim Integrated Products


MAX8630W Product details

General Description
The MAX8630W/MAX8630X charge pumps drive up to 5 white LEDs with regulated constant current up to 125mA total. By utilizing adaptive 1x/1.5x charge-pump modes and very low-dropout current regulators, they achieve high efficiency over the full 1-cell Li+ battery input voltage range. The 1MHz fixed-frequency switching allows for tiny external components, and the regulation scheme is optimized to ensure low EMI and low input ripple. An integrated derating function protects the LEDs from overheating during high ambient temperatures.

Features
♦ 93% Max/85% Avg. Efficiency (PLED/PBATT) Over Li+ Battery Discharge
♦ 1% LED Current Accuracy
♦ 125mA Total Drive Capability
♦ Adaptive 1x/1.5x Mode Switchover
♦ Single-Wire, Serial-Pulse Dimming (MAX8630X)
   Independent On/Off/Dimming for Main and Sub
   Linear—Full, 31/32nd, 30/32nd, … 1/32nd
♦ Direct-PWM Dimming (MAX8630W)
♦ 15, 18, 20, and 25mA Full-Scale Versions
♦ Low 0.1µA Shutdown Current
♦ Soft-Start Eliminates Inrush Current
♦ Output Overvoltage Protection
♦ Thermal-Derating Function Protects LEDs
♦ 14-Pin, 3mm x 3mm TDFN Package

Applications
   Display Backlight (Up to 5 LEDs)
   Main (3 LEDs) + Sub (2 LEDs) Displays
   Cell Phones and Smartphones
   PDAs, Digital Cameras, and Camcorders




Similar Part No. - MAX8630W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8630WETD15+T MAXIM-MAX8630WETD15+T Datasheet
248Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
More results


Similar Description - MAX8630W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1574 MAXIM-MAX1574 Datasheet
214Kb / 9P
180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03
MAX8645X MAXIM-MAX8645X Datasheet
310Kb / 15P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 3; 12/06
MAX8630Y MAXIM-MAX8630Y Datasheet
249Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 1; 2/07
MAX8647 MAXIM-MAX8647 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
MAX8847Y MAXIM-MAX8847Y Datasheet
1Mb / 13P
High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
19-5196; Rev 0; 4/10
MAX8848Y MAXIM-MAX8848Y Datasheet
1Mb / 14P
High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
19-5233; Rev 0; 4/10
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8608Y MAXIM-MAX8608Y Datasheet
400Kb / 11P
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com