Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1572 Datasheet (PDF) - Maxim Integrated Products

MAX1572 Datasheet PDF - Maxim Integrated Products
Part # MAX1572
Download  MAX1572 Download
File Size   340.55 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET

MAX1572 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1572 Datasheet PDF - Maxim Integrated Products

Part # MAX1572
Download  MAX1572 Click to download

File Size   340.55 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET

MAX1572 Datasheet (HTML) - Maxim Integrated Products


MAX1572 Product details

General Description
The MAX1572 is a fixed-frequency, synchronous stepdown DC-to-DC converter to power low-voltage microprocessor/DSP cores in portable equipment requiring high efficiency in a limited PC board area. The features are optimized for high efficiency over a wide load range, small external component size, low output ripple, and excellent transient response.

Features
♦ Up to 97% Efficiency
♦ 2MHz PWM Switching
♦ 800mA Guaranteed Output Current
♦ Low 48µA Quiescent Current
♦ Power-Saving Modes: Pulse-Group, Pulse-Skip,
   Forced-PWM Mode
♦ 0.75V to 2.5V Preset Output Range
   (in 50mV Increments)
♦ Voltage-Positioning Load Transients
♦ 5mVP-P Output Ripple
♦ Tiny 2.2µH Inductor
♦ 10µF Ceramic Output Capacitor
♦ Low 0.1µA Shutdown Current
♦ No External Schottky Diode Required
♦ Soft-Start with Zero Inrush Current
♦ 170ms (min) RESET Output
♦ Small 12-Pin, 4mm x 4mm Thin QFN Package

Applications
   Cell Phones and Smart Phones
   PDAs, Palmtops, and Notebook Computers
   MP3 and DVD Players
   Digital Cameras and Camcorders
   PCMCIA Cards
   Hand-Held Instruments




Similar Part No. - MAX1572

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1573 MAXIM-MAX1573 Datasheet
345Kb / 4P
MAX1573 Evaluation Kit
Rev 1; 4/04
More results


Similar Description - MAX1572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
2MHz, 350mA Step-Down DC-DC Converter
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
PWM step down DC/DC converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com