Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1570 Datasheet (PDF) - Maxim Integrated Products

MAX1570 Datasheet PDF - Maxim Integrated Products
Part # MAX1570
Download  MAX1570 Download
File Size   358.59 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump

MAX1570 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1570 Datasheet PDF - Maxim Integrated Products

Part # MAX1570
Download  MAX1570 Click to download

File Size   358.59 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump

MAX1570 Datasheet (HTML) - Maxim Integrated Products


MAX1570 Product details

General Description
The MAX1570 fractional charge pump drives up to five white LEDs with regulated constant current for uniform intensity. The MAX1570 maintains the highest possible efficiency over the full 1-cell lithium-ion (Li+) battery input voltage range by utilizing a 1x/1.5x fractional charge pump and very-low-dropout current regulators.

Features
♦ Excellent 0.3% LED-to-LED Current Matching
♦ 30mA/LED Drive Capability
♦ Proprietary 1x/1.5x Modes for Ultra-High
   Efficiency
♦ Low Input Ripple and EMI
♦ Eliminates Ballast Resistors
♦ Digital or PWM LED Dimming Control
♦ 0.1µA Shutdown Current
♦ 2.7V to 5.5V Supply Voltage Range
♦ Soft-Start Limits Inrush Current
♦ Thermal-Shutdown Protection
♦ No External Inductor, Schottky, or Zener Diode
   Required
♦ Tiny 16-Pin 4mm ✕ 4mm Thin QFN Package

Applications
   White LED Backlighting
   Cell Phones and Smart Phones
   PDA and Palmtop Computers
   Portable MP3 Players
   Digital Cameras and Camcorders




Similar Part No. - MAX1570

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC075 MAXIM-MAX1572ETC075 Datasheet
340Kb / 11P
800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results


Similar Description - MAX1570

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3340 ANALOGICTECH-AAT3340 Datasheet
995Kb / 14P
High Efficiency 1x/1.5x Charge Pump
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3340 ANALOGICTECH-AAT3340_08 Datasheet
989Kb / 14P
High Efficiency 1x/1.5x Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com