Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3151B Datasheet (PDF) - Advanced Analogic Technologies

AAT3151B Datasheet PDF - Advanced Analogic Technologies
Part # AAT3151B
Download  AAT3151B Download
File Size   265.95 Kbytes
Page   15 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X Charge Pump For White LED Applications

AAT3151B Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3151B Datasheet PDF - Advanced Analogic Technologies

Part # AAT3151B
Download  AAT3151B Click to download

File Size   265.95 Kbytes
Page   15 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X Charge Pump For White LED Applications

AAT3151B Datasheet (HTML) - Advanced Analogic Technologies


AAT3151B Product details

General Description
The AAT3151B is a low noise, constant frequency charge pump DC/DC converter that uses a dual mode load switch (1X) and fractional (1.5X) charge pump conversion to maximize efficiency for white LED applications. The AAT3151B is capable of driving four white LEDs at a total of 120mA from a 2.7V to 5.5V input. The current sinks may be operated individually or in parallel for driving higher-current LEDs. A low external parts count (two 1μF flying capacitors and two small 1μF capacitors at VIN and VOUT) makes the AAT3151B ideally suited for small battery-powered applications.

Features
• VIN Range: 2.7V to 5.5V
• Fully Programmable Current with Single Wire
    ▪ 16-Step Logarithmic Scale
    ▪ 15/20/30mA Max Current
    ▪ Four Low-Current Settings Down to 50μA
    ▪ Low IQ (50μA) for Low-Current Mode
• Dual Mode 1X and 1.5X Charge Pump for Maximum Efficiency and VF Coverage
• Drives Four Channels of LEDs
• No Inductors, Low Noise Operation
• 1MHz Constant Switching Frequency
• Small Application Circuit
• Built-In Thermal Protection
• Built-In Auto-Disable for Short-Circuit
• Automatic Soft Start
• IQ <1μA in Shutdown
• TDFN33-12 Package

Applications
• Color (RGB) Lighting
• Programmable Current Sinks
• White LED Backlighting
• White Photo Flash for Digital Still Cameras




Similar Part No. - AAT3151B

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Skyworks Solutions Inc.
AAT3151B SKYWORKS-AAT3151B Datasheet
920Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
July 6, 2012
logo
Advanced Analogic Techn...
AAT3151BIWP-T1 ANALOGICTECH-AAT3151BIWP-T1 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Skyworks Solutions Inc.
AAT3151BIWP-T1 SKYWORKS-AAT3151BIWP-T1 Datasheet
920Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
July 6, 2012
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
More results


Similar Description - AAT3151B

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3122.2005.11.1.3
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3131.2005.12.1.2
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com