Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683 Datasheet (PDF) - Exar Corporation

SP6683 Datasheet PDF - Exar Corporation
Part # SP6683
Download  SP6683 Download
File Size   260.06 Kbytes
Page   14 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1X/1.5X High Efficiency Charge Pump

SP6683 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6683 Datasheet PDF - Exar Corporation

Part # SP6683
Download  SP6683 Click to download

File Size   260.06 Kbytes
Page   14 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1X/1.5X High Efficiency Charge Pump

SP6683 Datasheet (HTML) - Exar Corporation


SP6683 Product details

DESCRIPTION
The SP6683 is a high power current regulated charge pump ideal for converting a Li-Ion battery input for driving up to 8 white LED’s used in backlighting color displays. The SP6683 operates with an internal 1.2MHz clock, enabling the use of small external components. Output current can be accurately regulated by modulating the switcher between the charge pump and output capacitor. In shutdown mode, the SP6683 discharges the output to ground and draws less than 500nA current. Offered in 10-pin DFN package, the SP6683 family includes three options that allow the user to optimize LED driving circuit; SP6683-LV with low voltage reference, SP6683-03 with high impedance output in shutdown, and SP6683 with pulled down output in shutdown.

FEATURES
■ Output Current up to 200mA
■ Ideal for White LED driver in CellPhone Flash
■ 0.5µA Shutdown Current
■ 1x/1.5x Mode Charge Pump
■ +2.7V to +5.5V Input Voltage Range
■ Built-in 1.2MHz Oscillator
■ 0.5mA Quiescent Current
■ Over Temperature Protection
■ Shorted LED Protection
■ Programmable Output Current or Voltage
■ PWM Dimming Control via Enable Pin
■ Soft Start to limit In-Rush Current
■ Space Saving 10-pin 3 x 3mm DFN Package
■ Three Options for Optimizing Efficiency:
    ■ SP6683 - MOSFET discharge in shutdown
    ■ SP6683-03 - High Impedance in shutdown
    ■ SP6683-LV - Low Voltage (150mV)VFB Reference

APPLICATIONS
■ Mobile Phone
■ Camera Flash Driver
■ PDA
■ Digital Still Camera
■ Digital Camcorder
■ Color LCD Module




Similar Part No. - SP6683

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6683 SIPEX-SP6683 Datasheet
200Kb / 10P
High Power LED Driver for Parallel Configuration
SP6683EB SIPEX-SP6683EB Datasheet
305Kb / 5P
Evaluation Board Manual
SP6683ER SIPEX-SP6683ER Datasheet
200Kb / 10P
High Power LED Driver for Parallel Configuration
SP6683ER SIPEX-SP6683ER Datasheet
305Kb / 5P
Evaluation Board Manual
SP6683ER/TR SIPEX-SP6683ER/TR Datasheet
200Kb / 10P
High Power LED Driver for Parallel Configuration
More results


Similar Description - SP6683

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3340 ANALOGICTECH-AAT3340 Datasheet
995Kb / 14P
High Efficiency 1x/1.5x Charge Pump
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3340 ANALOGICTECH-AAT3340_08 Datasheet
989Kb / 14P
High Efficiency 1x/1.5x Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com