Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683 Datasheet (PDF) - Sipex Corporation

SP6683 Datasheet PDF - Sipex Corporation
Part # SP6683
Download  SP6683 Download
File Size   200.36 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Power LED Driver for Parallel Configuration

SP6683 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6683 Datasheet PDF - Sipex Corporation

Part # SP6683
Download  SP6683 Click to download

File Size   200.36 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Power LED Driver for Parallel Configuration

SP6683 Datasheet (HTML) - Sipex Corporation


SP6683 Product details

DESCRIPTION
The SP6683 is a high power current regulated charge pump ideal for converting a Li-Ion battery input for driving up to 8 white LED’s used in backlighting color displays. The SP6683 operates with an internal 1.2MHz clock, enabling the use of small external components. Output current can be accurately regulated by modulating the switcher between the charge pump and output capacitor. In shutdown mode, the SP6683 discharges the output to ground and draws less than 1µA current. The SP6683 utilizes 1µF capacitors to deliver up to 200mA current regulated WLED drive capability. The SP6683 is offered in 10-pin DFN or MSOP package.

FEATURES
■ Drives up to 8 WLEDS
■ Low Profile Inductorless Regulator
■ 1x/1.5x Mode Charge Pump
■ 200mA Output Using 1µF Ceramic Caps
■ +2.7V to +5.5V Input Voltage Range
■ 0.9mA Quiescent Current
■ 1µA Shutdown Current
■ Built-in 1.2MHz Oscillator
■ Programmable Output Current or Voltage
■ PWM Dimming Control via Enable Pin
■ Shutdown to Disconnect Output from Input via Shutdown
■ Soft Start to limit In-Rush Current
■ Space Saving 10-pin 3 x 3mm DFN Package

APPLICATIONS
■ Mobile Phone
■ PDA
■ Digital Still Camera
■ Digital Camcorder
■ Palmtop Computer
■ Color LCD Module




Similar Part No. - SP6683

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER EXAR-SP6683-03ER Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER-L EXAR-SP6683-03ER-L Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER-L/TR EXAR-SP6683-03ER-L/TR Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER/TR EXAR-SP6683-03ER/TR Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
More results


Similar Description - SP6683

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
6-Parallel white-LED Driver for mobile phone
logo
Eutech Microelectronics...
EUP3595 EUTECH-EUP3595 Datasheet
400Kb / 10P
Parallel White-LED Driver
logo
Lowpower Semiconductor ...
LP3359 POWER-LP3359 Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
logo
Rohm
BP5843A ROHM-BP5843A_10 Datasheet
1Mb / 4P
Isolated High-power LED Driver for Illumination
BP5845W ROHM-BP5845W_10 Datasheet
1Mb / 4P
Isolated High-power LED Driver for Illumination
logo
List of Unclassifed Man...
LP0007-01-LI98-015 ETC2-LP0007-01-LI98-015 Datasheet
53Kb / 1P
Lumi-Pad for LED Configuration
logo
Infineon Technologies A...
ILD4071 INFINEON-ILD4071 Datasheet
1Mb / 25P
LED Driver for High Power LEDs
Rev. 1.0, 2011-11-16
logo
International Rectifier
IRFK4H250 IRF-IRFK4H250 Datasheet
244Kb / 8P
Parallel Chip Configuration
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
High power LED driver for automotive applications
25-Jul-2018
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
High power LED driver for automotive applications
25-Jul-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com