Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6683
Description  High Power LED Driver for Parallel Configuration
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6683 Datasheet HTML 1Page - Sipex Corporation SP6683 Datasheet HTML 2Page - Sipex Corporation SP6683 Datasheet HTML 3Page - Sipex Corporation SP6683 Datasheet HTML 4Page - Sipex Corporation SP6683 Datasheet HTML 5Page - Sipex Corporation SP6683 Datasheet HTML 6Page - Sipex Corporation SP6683 Datasheet HTML 7Page - Sipex Corporation SP6683 Datasheet HTML 8Page - Sipex Corporation SP6683 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date: 07/07/04
SP6683 White LEDs Driver for Parallel Configuration
© Copyright 2004 Sipex Corporation
SP6683
DESCRIPTION
The SP6683 is a high power current regulated charge pump ideal for converting a Li-Ion
battery input for driving up to 8 white LED’s used in backlighting color displays. The SP6683
operates with an internal 1.2MHz clock, enabling the use of small external components.
Output current can be accurately regulated by modulating the switcher between the charge
pump and output capacitor. In shutdown mode, the SP6683 discharges the output to ground
and draws less than 1µA current. The SP6683 utilizes 1µF capacitors to deliver up to 200mA
current regulated WLED drive capability. The SP6683 is offered in 10-pin DFN or MSOP
package.
®
TYPICAL APPLICATION SCHEMATIC
FEATURES
■ Drives up to 8 WLEDS
■ Low Profile Inductorless Regulator
■ 1x/1.5x Mode Charge Pump
■ 200mA Output Using 1µF Ceramic Caps
■ +2.7V to +5.5V Input Voltage Range
■ 0.9mA Quiescent Current
■ 1µA Shutdown Current
■ Built-in 1.2MHz Oscillator
■ Programmable Output Current or Voltage
■ PWM Dimming Control via Enable Pin
■ Shutdown to Disconnect Output from Input
via Shutdown
■ Soft Start to limit In-Rush Current
■ Space Saving 10-pin 3 x 3mm DFN Package
APPLICATIONS
■ Mobile Phone
■ PDA
■ Digital Still Camera
■ Digital Camcorder
■ Palmtop Computer
■ Color LCD Module
High Power LED Driver for Parallel Configuration
Preliminary
SP6683
10 Pin DFN
10
9
8
7
6
C2P
C1N
GND
C2N
EN/PWM
1
2
3
4
5
VOUT
C1P
VIN
VMODE
FB
SP6683
VOUT
C1P
VIN
VMODE
FB
®
C2P
C1N
GND
C2N
EN/PWM
1
2
3
4
5
10
9
8
7
6
C2
1µF
C4
1µF
C5
1µF
C1
1µF
Lithium-Ion
ENABLE/PWM DIMMING
White
LED
C3 0.1µF
R5
R1
R5
1M
Now Available in Lead Free Packaging


Similar Part No. - SP6683

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER EXAR-SP6683-03ER Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER-L EXAR-SP6683-03ER-L Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER-L/TR EXAR-SP6683-03ER-L/TR Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
SP6683-03ER/TR EXAR-SP6683-03ER/TR Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
More results

Similar Description - SP6683

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
6-Parallel white-LED Driver for mobile phone
logo
Eutech Microelectronics...
EUP3595 EUTECH-EUP3595 Datasheet
400Kb / 10P
Parallel White-LED Driver
logo
Lowpower Semiconductor ...
LP3359 POWER-LP3359 Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
logo
Rohm
BP5843A ROHM-BP5843A_10 Datasheet
1Mb / 4P
Isolated High-power LED Driver for Illumination
BP5845W ROHM-BP5845W_10 Datasheet
1Mb / 4P
Isolated High-power LED Driver for Illumination
logo
List of Unclassifed Man...
LP0007-01-LI98-015 ETC2-LP0007-01-LI98-015 Datasheet
53Kb / 1P
Lumi-Pad for LED Configuration
logo
Infineon Technologies A...
ILD4071 INFINEON-ILD4071 Datasheet
1Mb / 25P
LED Driver for High Power LEDs
Rev. 1.0, 2011-11-16
logo
International Rectifier
IRFK4H250 IRF-IRFK4H250 Datasheet
244Kb / 8P
Parallel Chip Configuration
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
High power LED driver for automotive applications
25-Jul-2018
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
High power LED driver for automotive applications
25-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com