Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6683
Description  High Power LED Driver for Parallel Configuration
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6683 Datasheet HTML 2Page - Sipex Corporation SP6683 Datasheet HTML 3Page - Sipex Corporation SP6683 Datasheet HTML 4Page - Sipex Corporation SP6683 Datasheet HTML 5Page - Sipex Corporation SP6683 Datasheet HTML 6Page - Sipex Corporation SP6683 Datasheet HTML 7Page - Sipex Corporation SP6683 Datasheet HTML 8Page - Sipex Corporation SP6683 Datasheet HTML 9Page - Sipex Corporation SP6683 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 07/07/04
SP6683 White LEDs Driver for Parallel Configuration
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION: Continued
Since the brightness of the white LED is propor-
tional to the operating current, for better bright-
ness matching, a higher output voltage could be
used. This could be done by using larger resistor,
as shown in figure 14. Rb2 is used to bias the
operating current of the white LED, Rb1 is use to
increase the output voltage. Better brightness
matching was achived at the cost of the power
wasted on the bias resistor.
Power Efficiency
The efficiency of driving the white LEDs can be
calculated by
η =
VF • IF
=
VF • IF
≈
VF
Vi •Ii
Vi • (n • IF + IQ)Vi • n
Where Vi, Ii are input voltage and current VF, IF
are the forward voltage and operating current of
White LEDs IQ is quiescent current, which is
considered small compared with IF.
Rb1
8
V
FB
D1
Rb
Dn
GND
VFn
VF1
V
OUT
1
Rb2
Rb
VF2
Rb
5
D2
SP6683
I
1
I
2
I
n
Figure 14. Increasing brightness matching
Brightness Control Using PWM
Dimming control can be achieved by applying
a PWM contol signal to the EN/PWM pin. The
brightness of the white LEDs is controlled by
increasing and decreasing the duty cycle of the
PWM signal. While operating frequency range
is from 60Hz to 700Hz, the recomended
maxium brightness frequncy range is from
60Hz to 200Hz. A repition rate of at least 60Hz
is required to prevent flicker.
Brightness Matching
For white LEDs, the forward voltage drop is a
function of the operating current. However,
for a given current, the forward voltage drops
do not always match due to normal manufac-
turing tolerance, thus causing uneven bright-
ness of the white LEDs.
In figure 14, assume high-precision bias resis-
tors were used, the operating current ratio of
two different branches can be easily derived as
shown by:
I1
=
VOUT - VF1
I2
VOUT - VF2
where I1 I2 are the operating current of the
white
LEDs,VF1,VF2 are the forward voltage of the
white LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com