Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6683
Description  High Power LED Driver for Parallel Configuration
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6683 Datasheet HTML 1Page - Sipex Corporation SP6683 Datasheet HTML 2Page - Sipex Corporation SP6683 Datasheet HTML 3Page - Sipex Corporation SP6683 Datasheet HTML 4Page - Sipex Corporation SP6683 Datasheet HTML 5Page - Sipex Corporation SP6683 Datasheet HTML 6Page - Sipex Corporation SP6683 Datasheet HTML 7Page - Sipex Corporation SP6683 Datasheet HTML 8Page - Sipex Corporation SP6683 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 07/07/04
SP6683 White LEDs Driver for Parallel Configuration
© Copyright 2004 Sipex Corporation
VOUT
306mV
EN/PWM
1.25V
C2N
Start-up
and
Charge
Pump
Switches
VMODE
C2P
C1P
FB
Mode Control
GND
VIN
C1N
1.2 MHz
Clock
Manager
Voltage
Reference
MODE
COMP
VOUT
COMP
FUNCTIONAL DIAGRAM
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1VOUT
Regulated charge pump output.
2
C1P
Positive terminal to the charge pump flying capacitor C2.
3VIN
Input supply voltage.
4VMODE
Charge pump mode program pin. When VMODE is greater than 1.25V,
a X1 charge pump is used. Otherwise, charge pump switches to X1.5
mode. A voltage divider shown in typical application circuit programs
the VIN threshold for charge pump mode switching.
5FB
This is the feedback pin for output current or voltage regulation. The
voltage of this pin is compared with an internal 306mV reference.
6
EN/PWM
Enable and PWM dimming control input. Pull this pin low to discon-
nect VOUT from VIN and shutdown the SP6683.VOUT is pulled to
ground in shutdown.
7
C2N
Negative terminal to the charge pump flying capacitor, C4.
8
GND
Ground reference.
9
C1N
Negative terminal to the charge pump flying capacitor, C2.
10
C2P
Positive terminal to the charge pump flying capacitor C4.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com