Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6683
Description  High Power LED Driver for Parallel Configuration
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6683 Datasheet HTML 1Page - Sipex Corporation SP6683 Datasheet HTML 2Page - Sipex Corporation SP6683 Datasheet HTML 3Page - Sipex Corporation SP6683 Datasheet HTML 4Page - Sipex Corporation SP6683 Datasheet HTML 5Page - Sipex Corporation SP6683 Datasheet HTML 6Page - Sipex Corporation SP6683 Datasheet HTML 7Page - Sipex Corporation SP6683 Datasheet HTML 8Page - Sipex Corporation SP6683 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Date: 07/07/04
SP6683 White LEDs Driver for Parallel Configuration
© Copyright 2004 Sipex Corporation
In this application, the bias resistor can be se-
lected by:
RB =
VFB
ILED (TOTAL)
where ILED(TOTAL) is the total operating current
of all the white LEDs.
To use SP6683 as a voltage source for fixed
voltage applications, a voltage divider is need to
program the ouput voltage, as shown in figure 12.
The output voltage is set by the ratio of the two
resistors and the feedback control voltage as
shown by:
VOUT = ( 1 +
R5
) • VFB
R6
in this way.
In figure 11, SP6683 was used to drive a 2-wire
white LED module without internal series resis-
tors as a current source. The bias resistor RB is
selected to regulate the total current of the white
LED module instead of the current of single
LED as in figure 9.
3-wire W-LED module
Anode
FB
GND
Fig 10. 3-wire white LED module
GND
V
OUT
Anode
5
V
FB
Rb
SP6683
Cathode
8
2-wire W-LED module
1
Figure 11. Driving 2-wire white LED module as current
source
OPERATION: Continued
Anode
5
8
SP6683
Cathode
V
OUT
R6
1
R5
1uF
V
FB
2-wire W-LED
module
GND
Figure 12. Driving 2-wire white LED module as
voltage source



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com