Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6683 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6683
Description  High Power LED Driver for Parallel Configuration
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6683 Datasheet HTML 2Page - Sipex Corporation SP6683 Datasheet HTML 3Page - Sipex Corporation SP6683 Datasheet HTML 4Page - Sipex Corporation SP6683 Datasheet HTML 5Page - Sipex Corporation SP6683 Datasheet HTML 6Page - Sipex Corporation SP6683 Datasheet HTML 7Page - Sipex Corporation SP6683 Datasheet HTML 8Page - Sipex Corporation SP6683 Datasheet HTML 9Page - Sipex Corporation SP6683 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 07/07/04
SP6683 White LEDs Driver for Parallel Configuration
© Copyright 2004 Sipex Corporation
Capacitor Selection
Ceramic capacitors are recommended for their
inherently low ESR, which will help produce
low peak to peak output ripple, and reduce high
frequency spikes.
The fly capacitor controls the strength of the
charge pump. Selection of the fly capacitor is a
trade-off between the output voltage ripple and
the output current capability. Decreasing the fly
capacitor will reduce the output voltage ripple
because less charge will be delivered to the
output capacitor. However, smaller fly capaci-
tor leads to larger output resistance, thus de-
creasing the output current capability and the
circuit efficiency. Place all the capacitors as
close to the SP6683 as possible for layout.
Increasing the value of the input and otput
capicitors could further reduce the input and
output ripple.
Refer to table 1 for some suggested low ESR
capicitors.
PROGRAMMING THE OPERATING MODE
SP6683 can automatically change from X1 mode
to X1.5 mode for highest efficiency. To use this
feature, divider resistors should be chosen ac-
cording to the specific application, as shown in
figure 13.
V
IN
V
IN
C2
GND
4
V
MODE
R1
SP6683
8
R2
3
Figure 13. Programming the Vmode Resistors
The guideline for divider resistor selections is as
follows. For high input voltage, the SP6683 will
work in X1 mode. When the input voltage drops
to Vth threshold voltage, it will switch to X1.5
mode automatically. The Vth threshold voltage
for mode change can be calculated by:
VTH = (VF + 0.306 + m • ILED • ROUT)
Where VF and m are the forward voltage and
number of the white LEDs, Rout is the output
resistance of the SP6683.
The equation for the voltage divider R1 and R2
with VMODE = 1.25V is:
VTH = 1.25V • (1+R1/R2)
APPLICATION INFORMATION
For the typical SP6683 application, using VF =
3.6V, m = 8, ILED = 15mA, ROUT = 6Ω, VTH will
be 4.63V, Select R2 = 100kΩ, then R1 = 270kΩ
Which can be expressed as R1:
R1 = VTH/1.25 - 1) • R2
MANUFACTURERS/
PART NUMBER
CAPACITANCE/
CAPACITOR/
ESR
TELEPHONE#
VOLTAGE
SIZE/TYPE
AT 100kHz
TDK/847-803-6100
C2012X5R1A225K
2.2µF/10V
0805/X5R
0.030Ω
TDK/847-803-6100
C2012X5R0J475K
4.7µF/6.3V
0805/X5R
0.020Ω
MURATA/770-436-1300
GRM188R60J225KE01D
2.2µF/6.3V
0603/X5R
0.030Ω
MURATA/770-436-1300
GRM219R60J475KE01D
4.7µF/6.3V
0805/X5R
0.020Ω
Table: 1
SUGGESTED LOW ESR CAPACITORS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com