Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301-IS Datasheet (PDF) - Cirrus Logic

CS3301-IS Datasheet PDF - Cirrus Logic
Part # CS3301-IS
Download  CS3301-IS Download
File Size   266.23 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-noise, Programmable Gain, Differential Amplifier

CS3301-IS Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3301-IS Datasheet PDF - Cirrus Logic

Part # CS3301-IS
Download  CS3301-IS Click to download

File Size   266.23 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-noise, Programmable Gain, Differential Amplifier

CS3301-IS Datasheet (HTML) - Cirrus Logic


CS3301-IS Product details

Description
The CS3301 is a low-noise differential input, differential output amplifier with programmable gain, optimized for amplifying signals from low-impedance sensors such as geophones. The gain settings are binary weighted (x1, x2, x4, x8, x16, x32, x64) and are selected using simple pin settings. Two sets of external inputs, INA and INB, simplify system design as inputs from a sensor and test DAC. An internal 800 Ω termination can also be selected for noise tests.

Features & Desription
● Signal Bandwidth: DC to 2 kHz
● Selectable Gain: x1, x2, x4, x8, x16, x32, x64
● Differential Inputs, Differential Outputs
    • Multiplexed inputs: INA, INB, 800Ω termination
    • Rough / fine charge outputs for CS5371/72
    • Max signal amplitude: 5 Vpp differential
    • Low input bias: 500 pA
● Outstanding Noise Performance
    • 0.20 µVp-p between 0.1 Hz and 10 Hz
    • 8.5 from 0.1 Hz to 2 kHz
● Low Total Harmonic Distortion
    • -118 dB THD typical (0.000126%)
    • -112 dB THD maximum (0.000251%)
● Low Power Consumption
    • Normal/LPWR/PWDN: 5.5 mA, 3.5 mA, 10 µA
● Single or Dual Power Supply Configurations
    • VA+ = +5 V; VA- = 0 V; VD = +3.3 V to +5 V
    • VA+ = +2.5 V;VA- = -2.5 V;VD = +3.3 V
    nV/ Hz




Similar Part No. - CS3301-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3301-IS CIRRUS-CS3301-IS Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301-ISZ CIRRUS-CS3301-ISZ Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
More results


Similar Description - CS3301-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
June 21, 2011
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com