Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet (PDF) - Cirrus Logic

CS3302 Datasheet PDF - Cirrus Logic
Part # CS3302
Download  CS3302 Download
File Size   268.26 Kbytes
Page   15 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER

CS3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3302 Datasheet PDF - Cirrus Logic

Part # CS3302
Download  CS3302 Click to download

File Size   268.26 Kbytes
Page   15 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER

CS3302 Datasheet (HTML) - Cirrus Logic


CS3302 Product details

Description
The CS3302 is a high-input-impedance, differential input, differential output amplifier with programmable gain, optimized for amplifying signals from high-impedance sensors such as hydrophones. The gain settings are binary weighted (x1, x2, x4, x8, x16, x32, x64) and are selected using simple pin settings. Two sets of external inputs, INA and INB, simplify system design as inputs from a sensor and test DAC. An internal 800Ω termination can also be selected for noise tests.

Features & Description
● zSignal Bandwidth: DC to 2 kHz
● zSelectable Gain: x1, x2, x4, x8, x16, x32, x64
● zDifferential Inputs, Differential Outputs
    • Multiplexed inputs: INA, INB, 800Ω termination
    • Rough / fine charge outputs for CS5371/72
    • Max signal amplitude: 5 Vpp differential
    • Ultra-low input bias: < 1 pA
● Excellent Noise Performance
    • 1 µVp-p between 0.1 Hz and 10 Hz
    • 8.5 nV/ √Hz from 200 Hz to 2 kHz
● Low Total Harmonic Distortion
    • -118 dB THD typical (0.000126%)
    • -112 dB THD maximum (0.000251%)
● Low Power Consumption
    • Normal / LPWR / PWDN: 5 mA, 3.3 mA, 10 µA
● Single or Dual Power Supply Configurations
    • VA+ = +5 V; VA- = 0 V; VD = +3.3 V to +5 V
    • VA+ = +2.5 V; VA- = -2.5 V;VD = +3.3 V




Similar Part No. - CS3302

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302-IS CIRRUS-CS3302-IS Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302-ISZ CIRRUS-CS3302-ISZ Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A-IS CIRRUS-CS3302A-IS Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
More results


Similar Description - CS3302

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Zilog, Inc.
ZGFI7101 ZILOG-ZGFI7101 Datasheet
671Kb / 14P
High Gain Differential Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com