Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 3Page - Cirrus Logic CS3302 Datasheet HTML 4Page - Cirrus Logic CS3302 Datasheet HTML 5Page - Cirrus Logic CS3302 Datasheet HTML 6Page - Cirrus Logic CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic CS3302 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CS3302
7
ANALOG CHARACTERISTIC (Cont.)
Notes: 13. No signal sources operating from external supplies should be applied to pins of the device prior to its
own supplies being established. Connecting any terminal to voltages greater than VA+ or less than VA-
may cause destructive latch-up.
14. Common-to-differential mode rejection tested with a 50 Hz, 500 mVp-p common mode sine wave
applied to the analog inputs.
15. Output impedance is primarily determined by the integrated anti-alias resistors. Value is approximate
and can vary +/- 30% depending on process parameters.
Parameter
Symbol
CS3302
Unit
Min
Typ
Max
Analog Input Characteristics
Input Signal Frequencies
BW
DC
-
2000
Hz
Input Voltage Range (Signal + Vcm)
x1
(Note 13)x2 - x64
VIN
(VA-)+0.7
(VA-)+0.7
-
-
(VA+)-1.25
(VA+)-1.75
V
Full Scale Input, Differential
x1
x2
x4
x8
x16
x32
x64
VINFS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
2.5
1.25
625
312.5
156.25
78.125
Vp-p
Vp-p
Vp-p
mVp-p
mVp-p
mVp-p
mVp-p
Input Impedance, Differential
ZINDIFF
-1, 20
-
T
Ω, pF
Input Impedance, Common Mode
ZINCM
-
0.5, 40
-
T
Ω, pF
Input Bias Current
IIN
-1
40
pA
Crosstalk, Multiplexed Inputs
(Note 4)
XT
-
-130
-
dB
Common Mode to Differential Mode Rejection (Note 14)
CDMR
90
100
-
dB
Analog Output Characteristics
Output Voltage Range (Signal + Vcm)
VOUT
(VA-)+0.5
-
(VA+)-0.5
V
Full Scale Output, Differential
VOUTFS
--
5
Vp-p
Output Impedance
(Note 15)ZOUT
-
750
-
Ω
Output Current
IOUT
-
-
3.33
mA
Load Capacitance
CL
-
-
100
nF
Guard Output Characteristics
Guard Output Voltage
VGUARD
-
Vcm
-
V
Guard Output Impedance
ZGOUT
-
500
-
Ω
Guard Output Current
IGOUT
-40-
µA
Guard Load Capacitance
CGL
-
-
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com