Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS3302
Description  HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 7Page - Cirrus Logic CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic CS3302 Datasheet HTML 11Page - Cirrus Logic CS3302 Datasheet HTML 12Page - Cirrus Logic CS3302 Datasheet HTML 13Page - Cirrus Logic CS3302 Datasheet HTML 14Page - Cirrus Logic CS3302 Datasheet HTML 15Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CS3302
13
2.4
Connection Diagram
Figure 4 shows a connection diagram for the
CS3302 amplifier when used with the CS5372 dual
∆Σ modulator and CS5376A digital filter. The dia-
gram shows differential sensors, a test DAC, and
analog outputs with anti-alias capacitors; power
supply connections including recommended by-
passing; and digital control connections back to the
CS5376A GPIO pins.
0.02
µF
C0G
0.0 2
µF
C0 G
0.02
µF
C0G
0.0 2
µF
C0 G
CS5372
∆Σ Modulator
INF +
INR +
INF -
INR -
INF -
INR -
INF +
INR +
VREF+
VREF-
VA +
VA -
VD
DGND
M DATA1
MFLAG1
M DATA2
MFLAG2
MCLK
M SYN C
PW DN 1
OF ST
PW DN 2
LP W R
C S3302
D ifferential
Am p lifier
INB+
INA+
INA-
INB-
OU TF -
OUT R -
OU T F+
OUT R+
VA +
VA -
VD
DGND
GA IN
M U X
P W D N
LPW R
C S3302
D ifferential
Am p lifier
INB+
INA+
INA-
INB-
OU TF -
OUT R -
OU T F+
OUT R+
VA+
VA-
VD
DGND
GA IN
M UX
PW D N
LPW R
VA -
0.1
µF
VA +
0.1
µF
VA -
0.1
µF
VA +
0.1
µF
VD
0.0 1
µF
VD
0.0 1
µF
GPIO
GPIO
G PIO (x2)
G PIO (x3)
GPIO
GPIO
G PIO (x2)
G PIO (x3)
D ifferential
Senso r
D ifferential
Senso r
Test
DAC
3
2
3
2
To CS 5376
Digital Contro l
To CS 5376
Digital Contro l
2.5 V
Reference
VA +
0.1
µF
0.01
µF
VD
VA-
0.1
µF
GU AR D
GU AR D
Figure 4. CS3302 Amplifier Connections
A
A
CS4373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com